Electronic Components Datasheet Search
  English  ▼

X  

LTC4062 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4062
Description  Standalone Linear Li-Ion Battery Charger with Micropower Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4062 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4062 Datasheet HTML 9Page - Linear Technology LTC4062 Datasheet HTML 10Page - Linear Technology LTC4062 Datasheet HTML 11Page - Linear Technology LTC4062 Datasheet HTML 12Page - Linear Technology LTC4062 Datasheet HTML 13Page - Linear Technology LTC4062 Datasheet HTML 14Page - Linear Technology LTC4062 Datasheet HTML 15Page - Linear Technology LTC4062 Datasheet HTML 16Page - Linear Technology LTC4062 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4062
13
4062f
APPLICATIO S I FOR ATIO
charge the battery until the internal timer reaches 3 hours
(as set by CTIMER). During recharge cycles, the LTC4062
charges the battery until the internal timer reaches
1.5 hours. Figure 3 describes the operation of the LTC4062
charger when charge time termination is used.
Charge Current Termination
Connecting the TIMER pin to ground selects charge cur-
rent termination. With this method, the timer is disabled
and a resistor (RDET) must be connected from the IDET pin
to ground. IDETECT is programmed using the same equa-
tion stated in the previous section. The charge cycle
terminates when the charge current falls below IDETECT.
This condition is detected using an internal filtered com-
parator to monitor the IDET pin. When the IDET pin falls
below 100mV for longer than tTERM (typically 1.5ms),
charging is terminated.
When charging, transient loads on the BAT pin can cause
the IDET pin to fall below 100mV for short periods of time
before the DC current has dropped below the IDETECT
+
VCC
CHRG
PROG
IDET
CTIMER
0.1µF
VIN
4062 F02
BAT
500mA
TIMER
RDET
1k
RPROG
2k
LTC4062
GND
C/5
Figure 2. Time Termination Mode.
The Charge Cycle Ends After 3 Hours
Figure 3. State Diagram of a Charge Cycle
Using Charge Time Termination
CHARGE MODE
FULL CURRENT
CHRG STATE:
PULL-DOWN IF IBAT > IDETECT
Hi-Z IF IBAT < IDETECT
CHARGE TIME
ELAPSES
1/4 CHARGE TIME
ELAPSES
BAT < 4.1V
4062 F03
TRICKLE CHARGE MODE
1/10TH FULL CURRENT
BAT > 2.9V
BAT < 2.9V
2.9V < BAT < 4.1V
BAT > 4.1V
EN = 5V
OR
UVLO CONDITION
STANDBY MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
SHUTDOWN MODE
ICC DROPS TO 20µA
CHRG STATE: Hi-Z
CHRG STATE: PULL-DOWN
DEFECTIVE BATTERY
FAULT MODE
NO CHARGE CURRENT
CHRG STATE: PULSING
RECHARGE MODE
FULL CURRENT
CHRG STATE:
PULL-DOWN IF IBAT > IDETECT
Hi-Z IF IBAT < IDETECT
1/2 CHARGE
TIME ELAPSES
POWER ON
EN = 0V
OR UVLO
CONDITION
STOPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com