Electronic Components Datasheet Search
  English  ▼

X  

LTC4062 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4062
Description  Standalone Linear Li-Ion Battery Charger with Micropower Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4062 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4062 Datasheet HTML 10Page - Linear Technology LTC4062 Datasheet HTML 11Page - Linear Technology LTC4062 Datasheet HTML 12Page - Linear Technology LTC4062 Datasheet HTML 13Page - Linear Technology LTC4062 Datasheet HTML 14Page - Linear Technology LTC4062 Datasheet HTML 15Page - Linear Technology LTC4062 Datasheet HTML 16Page - Linear Technology LTC4062 Datasheet HTML 17Page - Linear Technology LTC4062 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4062
14
4062f
APPLICATIO S I FOR ATIO
threshold. The 1.5ms filter time (tTERM) on the internal
comparator ensures that transient loads of this nature do
not result in premature charge cycle termination. Once the
average charge current drops below IDETECT, the charger
terminates the charge cycle.
The CHRG output is in a pull-down state while charging
and in a high impedance state once charging has stopped.
Figure 4 describes the operation of the LTC4062 charger
when charge current termination is used.
When the charger is set for charge current termination and
the battery is removed from the charger, a sawtooth
waveform of several hundred mV will appear at the charger
output. This is caused by the repeated cycling between
termination and recharge events. This cycling results in
pulsing at the CHRG output. If an LED is connected to this
pin, it will exhibit a pulsing pattern, indicating to the user
that a battery is not present. The frequency of the sawtooth
is dependent on the amount of output capacitance.
Figure 4. State Diagram of a Charge Cycle Using Charge Current Termination
CHARGE MODE
FULL CURRENT
IBAT < IDETECT
IN VOLTAGE MODE
4062 F04
TRICKLE CHARGE MODE
1/10TH FULL CURRENT
BAT > 2.9V
BAT < 2.9V
2.9V < BAT < 4.1V
BAT > 4.1V
BAT < 4.1V
EN = 5V
OR
UVLO CONDITION
STANDBY MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
SHUTDOWN MODE
ICC DROPS TO 20µA
CHRG STATE: Hi-Z
CHRG STATE: PULL-DOWN
CHRG STATE: PULL-DOWN
POWER ON
EN = 0V
OR UVLO
CONDITION
STOPS
CHARGE MODE
FULL CURRENT
4062 F05
TRICKLE CHARGE MODE
1/10TH FULL CURRENT
BAT > 2.9V
BAT < 2.9V
2.9V < BAT
EN = 5V
OR
UVLO CONDITION
SHUTDOWN MODE
ICC DROPS TO 20µA
CHRG STATE: Hi-Z
CHRG STATE: PULL-DOWN
POWER ON
EN = 0V
OR UVLO
CONDITION
STOPS
CHRG STATE:
PULL-DOWN IF IBAT > IDETECT
Hi-Z IF IBAT < IDETECT
Figure 5. State Diagram of a Charge Cycle Using User-Selectable Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com