Electronic Components Datasheet Search
  English  ▼

X  

LTC4062 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4062
Description  Standalone Linear Li-Ion Battery Charger with Micropower Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4062 Datasheet(HTML) 5 Page - Linear Technology

  LTC4062 Datasheet HTML 1Page - Linear Technology LTC4062 Datasheet HTML 2Page - Linear Technology LTC4062 Datasheet HTML 3Page - Linear Technology LTC4062 Datasheet HTML 4Page - Linear Technology LTC4062 Datasheet HTML 5Page - Linear Technology LTC4062 Datasheet HTML 6Page - Linear Technology LTC4062 Datasheet HTML 7Page - Linear Technology LTC4062 Datasheet HTML 8Page - Linear Technology LTC4062 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4062
5
4062f
Internal Charge Timer vs
Temperature
Charge Current vs Supply Voltage
Charge Current vs Ambient
Temperature with Thermal
Regulation
Recharge Threshold Voltage vs
Temperature
Power FET “ON” Resistance vs
Temperature
Charge Current vs Battery Voltage
Undervoltage Lockout Voltage vs
Temperature
EN Pin Pulldown Resistance vs
Temperature
C/5 Pin Pulldown Resistance vs
Temperature
TEMPERATURE (
°C)
–50
–25
0
400
1000
0
50
75
4062 G13
4062 G14
200
800
600
25
100
125
RPROG = 1.25k
ONSET OF THERMAL
REGULATION
RPROG = 2k
VCC (V)
4.0
8.0
5.0
6.0
7.0
104
102
100
98
96
4.5
5.5
6.5
7.5
TEMPERATURE (
°C)
–50
4.16
4.14
4.12
4.10
4.08
4.06
4.04
–25
025
50
4062 G15
75
100
TEMPERATURE (
°C)
–50
500
450
400
350
300
250
–25
025
50
4062 G16
75
100
VCC = 4V
IBAT = 200mA
VCC = 8V
VCC = 4.3V
VCC = 5V
VBAT = 4V
C/5 = 5V
RPROG = 10k
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
195
190
185
180
175
170
165
4062 G10
CTIMER = 0.1µF
VCC = 4.3V
VCC = 8V
4062 G17
4062 G18
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
3.900
3.875
3.850
3.825
3.800
3.775
3.750
3.725
3.700
VBAT (V)
0
3.0
900
800
700
600
500
400
300
200
100
0
0.5
4.5
1.0 1.5 2.0 2.5
3.5 4.0
VCC = 5V
C/5 = 5V
RPROG = 1.25k
θJA = 40°C/W
VCC = 5V
VBAT = 4V
θJA = 40°C/W
4062 G19
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
5.0
4.5
4.0
3.5
3.0
2.5
2.0
4062 G20
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
5.0
4.5
4.0
3.5
3.0
2.5
2.0
TYPICAL PERFOR A CE CHARACTERISTICS TA = 25°C unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com