Electronic Components Datasheet Search
  English  ▼

X  

LT1977 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1977
Description  High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1977 Datasheet(HTML) 1 Page - Linear Technology

  LT1977 Datasheet HTML 1Page - Linear Technology LT1977 Datasheet HTML 2Page - Linear Technology LT1977 Datasheet HTML 3Page - Linear Technology LT1977 Datasheet HTML 4Page - Linear Technology LT1977 Datasheet HTML 5Page - Linear Technology LT1977 Datasheet HTML 6Page - Linear Technology LT1977 Datasheet HTML 7Page - Linear Technology LT1977 Datasheet HTML 8Page - Linear Technology LT1977 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT1977
1
1977f
■ High Voltage Power Conversion
■ 14V and 42V Automotive Systems
■
Industrial Power Systems
■ Distributed Power Systems
■ Battery-Powered Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ Wide Input Range: 3.3V to 60V
■ 1.5A Peak Switch Current
■ Burst Mode
® Operation: 100µA Quiescent Current**
■ Low Shutdown Current: IQ < 1µA
■ Power Good Flag with Programmable Threshold
■ Load Dump Protection to 60V
■ 500kHz Switching Frequency
■ Saturating Switch Design: 0.2Ω On-Resistance
■ Peak Switch Current Maintained Over
Full Duty Cycle Range*
■ 1.25V Feedback Reference Voltage
■ Easily Synchronizable
■ Soft-Start Capability
■ Small 16-Pin Thermally Enhanced TSSOP Package
High Voltage 1.5A, 500kHz
Step-Down Switching Regulator
with 100µA Quiescent Current
Burst Mode is a registered trademark of Linear Technology Corporation.
*U.S. Patent 6,498,466 and 6,531,909 **See Burst Mode Operation section for conditions
The LT
®1977 is a 500kHz monolithic buck switching
regulator that accepts input voltages up to 60V. A high
efficiency 1.5A, 0.2Ω switch is included on the die along
with all the necessary oscillator, control and logic cir-
cuitry. Current mode topology is used for fast transient
response and good loop stability.
Innovative design techniques along with a new high volt-
age process achieve high efficiency over a wide input
range. Efficiency is maintained over a wide output current
range by employing Burst Mode operation at low currents,
utilizing the output to bias the internal circuitry, and by
using a supply boost capacitor to fully saturate the power
switch. Patented circuitry maintains peak switch current
over the full duty cycle range.* Shutdown reduces input
supply current to less than 1µA. External synchronization
can be implemented by driving the SYNC pin with logic-level
inputs. A single capacitor from the CSS pin to the output
provides a controlled output voltage ramp (soft-start). The
device also has a power good flag with a programmable
threshold and time-out and thermal shutdown protection.
The LT1977 is available in a 16-pin TSSOP package with
exposed pad leadframe for low thermal resistance. The
LT1976, a 200kHz reduced switch frequency version of the
LT1977, is also available. See the Applications Information
section for selection criteria between the LT1976 and
LT1977.
VIN
SHDN
BOOST
LT1977
2.2µF
100V
CER
330pF
0.1µF
0.1µF
10µH
1N4148
1µF
SYNC
CT
GND
100µF
6.3V
TANT
VOUT
3.3V
1A
VIN
10MQ100N
1500pF
26k
165k
1%
100k
1%
1977 TA01
10pF
SW
CSS
VC
+
VBIAS
FB
PGFB
PG
14V to 3.3V Step-Down Converter with
100µA No Load Quiescent Current
Efficiency and Power Loss
vs Load Current
LOAD CURRENT (A)
0.0001
0
25
0.001
0.01
0.1
1
1977 TA02
75
100
50
0.001
0.01
1
10
0.1
10
VIN = 12V
3.3V
5V
EFFICIENCY
TYPICAL
POWER LOSS
Supply Current vs Input Voltage
INPUT VOLTAGE (V)
0
0
50
100
10
20
30
40
1977 F05
50
150
25
75
125
60
VOUT = 3.3V
TA = 25°C
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1977

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1977 LINER-LT1977 Datasheet
350Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching
LT1977 LINER-LT1977 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
More results

Similar Description - LT1977

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
1.5A, 500kHz Step-down Voltage Regulator
logo
Linear Technology
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3435 LINER-LT3435 Datasheet
319Kb / 24P
High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com