Electronic Components Datasheet Search
  English  ▼

X  

LT1977 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1977
Description  High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1977 Datasheet(HTML) 4 Page - Linear Technology

  LT1977 Datasheet HTML 1Page - Linear Technology LT1977 Datasheet HTML 2Page - Linear Technology LT1977 Datasheet HTML 3Page - Linear Technology LT1977 Datasheet HTML 4Page - Linear Technology LT1977 Datasheet HTML 5Page - Linear Technology LT1977 Datasheet HTML 6Page - Linear Technology LT1977 Datasheet HTML 7Page - Linear Technology LT1977 Datasheet HTML 8Page - Linear Technology LT1977 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT1977
4
1977f
TYPICAL PERFOR A CE CHARACTERISTICS
FB Voltage
Oscillator Frequency
SHDN Threshold
SHDN Pin Current
Shutdown Supply Current
Sleep Mode Supply Current
Bias Sleep Current
1.20
1.21
1.23
1.24
1.25
1.30
1.27
1.22
1.28
1.29
1.26
TEMPERATURE (°C)
–50
0
50
75
1977 G01
–25
25
100
125
TEMPERATURE (°C)
–50
450
460
480
490
500
550
520
0
50
75
1977 G02
470
530
540
510
–25
25
100
125
1.35
1977 G03
1.20
1.10
1.05
1.00
1.40
1.30
1.25
0.15
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
SHDN VOLTAGE (V)
0
0
1.5
2.5
3.5
10
20
30
40
1977 G04
50
4.5
5.5
1.0
2.0
3.0
4.0
5.0
60
TJ = 25°C
1977 G05
20
10
5
0
25
15
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
VIN = 60V
VIN = 42V
VIN = 12V
1977 G06
160
80
40
0
200
120
140
60
20
180
100
VBIAS = 0V
VBIAS = 5V
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
1977 G07
160
80
40
0
200
120
140
60
20
180
100
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
PGFB Threshold
1977 G08
1.16
1.08
1.04
1.00
1.20
1.12
1.14
1.06
1.02
1.18
1.10
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
PG Sink Current
1977 G09
200
100
50
0
250
150
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com