Electronic Components Datasheet Search
  English  ▼

X  

LT1977 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1977
Description  High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1977 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1977 Datasheet HTML 15Page - Linear Technology LT1977 Datasheet HTML 16Page - Linear Technology LT1977 Datasheet HTML 17Page - Linear Technology LT1977 Datasheet HTML 18Page - Linear Technology LT1977 Datasheet HTML 19Page - Linear Technology LT1977 Datasheet HTML 20Page - Linear Technology LT1977 Datasheet HTML 21Page - Linear Technology LT1977 Datasheet HTML 22Page - Linear Technology LT1977 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT1977
19
1977f
APPLICATIO S I FOR ATIO
the PGFB pin drops below VPGFB the CT pin is rapidly
discharged resetting the delay period. The PGFB voltage is
typically generated by a resistive divider from the regu-
lated output or input supply.
The capacitor on the CT pin determines the amount of
delay time between the PGFB pin exceeding its threshold
(VPGFB) and the PG pin set to a high impedance state.
When the PGFB pin rises above VPGFB current is sourced
(ICT) from the CT pin into the external capacitor. When the
voltage on the external capacitor reaches an internal clamp
(VCT), the PG pin becomes a high impedance node. The
resultant PG delay time is given by t = CCT •(VCT)/(ICT). If
the voltage on the PGFB pin drops below its VPGFB, CCT will
be discharged rapidly and PG will be active low with a
200µA sink capability. If the SHDN pin is taken below its
threshold during normal operation, the CT pin will be
discharged and PG inactive, resulting in a non Power Good
cycle when SHDN is taken above its threshold. Figure 9
shows the power good operation with PGFB connected to
FB and the capacitance on CT = 0.1µF. Figure 10 shows
several different configurations for the LT1977 Power
Good circuitry.
LAYOUT CONSIDERATIONS
As with all high frequency switchers, when considering
layout, care must be taken in order to achieve optimal
Figure 9. Power Good
VOUT
500mV/DIV
PG
100k TO VIN
VCT
500mV/DIV
VSHDN
2V/DIV
TIME (10ms/DIV)
1977 F09
VIN
PG
PGFB
LT1977
PG at 80% VOUT with 100ms Delay
0.27µF
COUT
COUT
200k
VOUT = 3.3V
153k
12k
100k
FB
CT
VIN
PG
PGFB
LT1977
VOUT Disconnect at 80% VOUT
with 100ms Delay
0.27µF
200k
VOUT = 3.3V
153k
12k
100k
FB
CT
VIN
PG
PGFB
LT1977
PG at VIN > 4V with 100ms Delay
0.27µF
VOUT = 3.3V
200k
511k
200k
100k
165k
FB
CT
VIN
PG
PGFB
LT1977
VOUT Disconnect 3.3V Logic Signal
with 100µs Delay
270pF
200k
VOUT = 12V
1977 F10
866k
100k
FB
CT
COUT
COUT
Figure 10. Power Good Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com