Electronic Components Datasheet Search
  English  ▼

X  

LT1977 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1977
Description  High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1977 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1977 Datasheet HTML 16Page - Linear Technology LT1977 Datasheet HTML 17Page - Linear Technology LT1977 Datasheet HTML 18Page - Linear Technology LT1977 Datasheet HTML 19Page - Linear Technology LT1977 Datasheet HTML 20Page - Linear Technology LT1977 Datasheet HTML 21Page - Linear Technology LT1977 Datasheet HTML 22Page - Linear Technology LT1977 Datasheet HTML 23Page - Linear Technology LT1977 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT1977
22
1977f
APPLICATIO S I FOR ATIO
the board layout, the more difficult the circuit will be to
stabilize. This is true of almost all high frequency analog
circuits. Read the Layout Considerations section first.
Common layout errors that appear as stability problems
are distant placement of input decoupling capacitor and/or
catch diode and connecting the VC compensation to a
ground track carrying significant switch current. In addi-
tion the theoretical analysis considers only first order non-
ideal component behavior. For these reasons, it is important
that a final stability check is made with production layout
and components.
The LT1977 uses current mode control. This alleviates
many of the phase shift problems associated with the
inductor. The basic regulator loop is shown in Figure 12.
The LT1977 can be considered as two gm blocks, the error
amplifier and the power stage.
Figure 13 shows the overall loop response with a 330pF VC
capacitor and a typical 100µF tantalum output capacitor.
The response is set by the following terms:
Error amplifier: DC gain is set by gm and RO:
EA Gain = 650µ • 1.5M = 975
The pole set by CF and RL:
EA Pole = 1/(2π • 1.5M • 330pF) = 322Hz
Unity gain frequency is set by CF and gm:
EA Unity Gain Frequency = 650µ /(2π • 330pF)
= 313kHz
Powerstage: DC gain is set by gm and RL (assume 10Ω):
PS DC Gain = 3 • 10 = 30
Pole set by COUT and RL:
PS Pole = 1/(2π • 100µF • 10) = 159Hz
Unity gain set by COUT and gm:
PS Unity Gain Freq = 3/(2π • 100µF) = 4.7kHz.
Tantalum output capacitor zero is set by COUT and COUT
ESR
Output Capacitor Zero = 1/(2π • 100µF • 0.1) = 159kHz
The zero produced by the ESR of the tantalum output ca-
pacitor is very useful in maintaining stability. If better
transient response is required, a zero can be added to the
loop using a resistor (RC) in series with a compensation
capacitor(s). As the value of RC is increased, transient re-
sponse will generally improve but two effects limit its value.
First, the combination of output capacitor ESR and a large
RC may stop loop gain rolling off altogether. Second, if the
loop gain is not rolled off sufficiently at the switching fre-
quency output ripple will perturb the VC pinenoughtocause
unstable duty cycle switching similar to subharmonic
oscillation. This may not be apparent at the output. Small-
signal analysis will not show this since a continuous time
system is assumed. If needed, an additional capacitor (CF)
can be added to form a pole at below the switching frequency
(if RC = 26k, CC = 1500pF, CF = 330pF).
When checking loop stability the circuit should be oper-
ated over the application’s full voltage, current and tem-
perature range. Any transient loads should be applied and
the output voltage monitored for a well-damped behavior.
Figure 14. Overall Loop Response
FREQUENCY (Hz)
0
90
45
135
100
–50
0
50
100
100
1k
10k
100k
1977 F14
1M
10
VOUT = 3.3V
COUT = 100µF, 0.1Ω
CF = 330pF
RC/CC = NC
ILOAD = 350mA
Figure 13. Model for Loop Response
–
+
CURRENT MODE
POWER STAGE
gm = 3
gm = 650µ
1.25V
VC
LT1977
ERROR
AMP
1.5M
RC
R1
FB
12
11
SW
2
ESR
OUTPUT
R2
COUT
1977 F13
CFB
CF
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com