Electronic Components Datasheet Search
  English  ▼

X  

LT1977 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1977
Description  High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1977 Datasheet(HTML) 2 Page - Linear Technology

  LT1977 Datasheet HTML 1Page - Linear Technology LT1977 Datasheet HTML 2Page - Linear Technology LT1977 Datasheet HTML 3Page - Linear Technology LT1977 Datasheet HTML 4Page - Linear Technology LT1977 Datasheet HTML 5Page - Linear Technology LT1977 Datasheet HTML 6Page - Linear Technology LT1977 Datasheet HTML 7Page - Linear Technology LT1977 Datasheet HTML 8Page - Linear Technology LT1977 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1977
2
1977f
(Note 1)
VIN, SHDN, BIAS ..................................................... 60V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage ................................................. 68V
SYNC, CSS, PGFB, FB ................................................ 6V
Operating JunctionTemperature Range
LT1977EFE (Note 2) ........................ – 40°C to 125°C
LT1977IFE (Note 2) ......................... – 40°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1977EFE
LT1977IFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB/PGFB = 1.25V, CSS/SYNC = 0V
unless otherwise noted.
TJMAX = 125°C, θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD IS GND (PIN 17)
MUST BE SOLDERED TO GND (PIN 8)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
SW
NC
VIN
NC
BOOST
CT
GND
PG
SHDN
SYNC
PGFB
FB
VC
BIAS
CSS
17
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN
SHDN Threshold
1.15
1.3
1.45
V
ISHDN
SHDN Input Current
SHDN = 12V
●
520
µA
Minimum Input Voltage (Note 3)
●
2.4
3
V
IVINS
Supply Shutdown Current
SHDN = 0V, BOOST = 0V, FB/PGFB = 0V
0.1
2
µA
Supply Sleep Current (Note 4)
BIAS = 0V, FB = 1.35V
●
170
250
µA
FB = 1.35V
●
45
75
µA
IVIN
Supply Quiescent Current
BIAS = 0V, FB = 1.15V
4.10
mA
BIAS = 5V, FB = 1.15V
3.25
mA
Minimum BIAS Voltage (Note 5)
●
2.7
3
V
IBIASS
BIAS Sleep Current (Note 4)
●
110
180
µA
IBIAS
BIAS Quiescent Current
SYNC = 3.3V
700
900
µA
Minimum Boost Voltage (Note 6)
ISW = 1.5A
1.8
V
Input Boost Current (Note 7)
ISW = 1.5A
40
mA
VREF
Reference Voltage (VREF)
3.3V < VVIN < 60V
●
1.225
1.25
1.275
V
IFB
FB Input Bias Current
75
200
nA
EA Voltage Gain (Note 8)
900
V/V
EA Voltage gm
dI(VC)= ±10µA
450
650
900
µMho
EA Source Current
FB = 1.15V
20
40
55
µA
EA Sink Current
FB = 1.35V
15
30
40
µA
VC to SW gm
3A/V
VC High Clamp
2.1
2.2
2.4
V
IPK
SW Current Limit
●
1.5
2.4
3.5
A
FE PART
MARKING
1977EFE
1977IFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com