Electronic Components Datasheet Search
  English  ▼

X  

PCA9574 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9574
Description  8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9574 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9574 Datasheet HTML 1Page - NXP Semiconductors PCA9574 Datasheet HTML 2Page - NXP Semiconductors PCA9574 Datasheet HTML 3Page - NXP Semiconductors PCA9574 Datasheet HTML 4Page - NXP Semiconductors PCA9574 Datasheet HTML 5Page - NXP Semiconductors PCA9574 Datasheet HTML 6Page - NXP Semiconductors PCA9574 Datasheet HTML 7Page - NXP Semiconductors PCA9574 Datasheet HTML 8Page - NXP Semiconductors PCA9574 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
NXP Semiconductors
PCA9574
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
• Compliant with I2C-bus Standard-mode (100 kHz)
• Separate supply rails for core logic and I/O bank provides voltage level shifting
• 1.1 V to 3.6 V operation with level shifting feature
• Very low standby current: < 1 μA
• 8 configurable I/O pins that default to inputs at power-up
• Outputs:
– Totem pole: 1 mA source and 3 mA sink
– Independently programmable 100 kΩ pull-up or pull-down for each I/O pin
– Open-drain active LOW interrupt (INT) output pin allows monitoring of logic level change of pins
programmed as inputs
• Inputs:
– Programmable bus hold provides valid logic level when inputs are not actively driven
– Programmable Interrupt Mask Control for input pins that do not require an interrupt when their states change
or to prevent spurious interrupts default to mask at power-up
– Polarity inversion register allows inversion of the polarity of the I/O pins when read
• Active LOW reset (RESET) input pin resets device to power-up default state
• GPIO All Call address allows programming of more than one device at the same time with the same
parameters
• 2 programmable target addresses using 1 address pin
• -40 °C to +85 °C operation
• ESD protection exceeds 7000 V HBM per JESD22-A114 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Packages offered: TSSOP16 and HVQFN16
3 Applications
• Cell phones
• Media players
• Multi voltage environments
• Battery operated mobile gadgets
• Motherboards
• Servers
• RAID systems
• Industrial control
• Medical equipment
• PLCs
• Gaming machines
• Instrumentation and test measurement
4 Ordering information
Package
Type number
Topside
marking
Name
Description
Version
PCA9574PW
PCA9574
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4
mm
SOT403-1
PCA9574BS
P74
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads;
16 terminals; body 3 × 3 × 0.85 mm
SOT758-1
Table 1. Ordering information
PCA9574
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.0 — 31 May 2023
2 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com