Electronic Components Datasheet Search
  English  ▼

X  

PCA9574 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9574
Description  8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9574 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9574 Datasheet HTML 7Page - NXP Semiconductors PCA9574 Datasheet HTML 8Page - NXP Semiconductors PCA9574 Datasheet HTML 9Page - NXP Semiconductors PCA9574 Datasheet HTML 10Page - NXP Semiconductors PCA9574 Datasheet HTML 11Page - NXP Semiconductors PCA9574 Datasheet HTML 12Page - NXP Semiconductors PCA9574 Datasheet HTML 13Page - NXP Semiconductors PCA9574 Datasheet HTML 14Page - NXP Semiconductors PCA9574 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
NXP Semiconductors
PCA9574
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Legend: * default value.
Bit
Symbol
Access
Value
Description
2
S0.2
read only
0*
1
S0.1
read only
0*
0
S0.0
read only
0*
Table 12. Register 7 - Interrupt status register (address 07h) bit description...continued
7.6 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9574 in a reset condition
until VDD has reached VPOR. At that point, the reset condition is released and the PCA9574 registers and state
machine will initialize to their default states. The power-on reset typically completes the reset and enables the
part by the time the power supply is above VPOR. However, when it is required to reset the part by lowering the
power supply, it is necessary to lower it below 0.2 V.
7.7 RESET input
A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst). The PCA9574 registers
and I2C-bus state machine will be held in their default state until the RESET input is once again HIGH.
7.8 Software reset
The Software Reset Call allows all the devices in the I2C-bus to be reset to the power-up state value through a
specific formatted I2C-bus command. To be performed correctly, it implies that the I2C-bus is functional and that
there is no device hanging the bus.
The Software Reset sequence is defined as following:
1. A START command is sent by the I2C-bus controller.
2. The reserved General Call I2C-bus address ‘0000 000’ with the R/W bit set to 0 (write) is sent by the I2C-bus
controller.
3. The PCA9574 device(s) acknowledge(s) after seeing the General Call address ‘0000 0000’ (00h) only. If the
R/W bit is set to logic 1 (read), no acknowledge is returned to the I2C-bus controller.
4. Once the General Call address has been sent and acknowledged, the controller sends 1 byte. The value
of the byte must be equal to 06h.The PCA9574 acknowledges this value only. If the byte is not equal to
06h, the PCA9574 does not acknowledge it. If more than 1 byte of data is sent, the PCA9574 does not
acknowledge anymore.
5. Once the right byte has been sent and correctly acknowledged, the controller sends a STOP command to
end the Software Reset sequence: the PCA9574 then resets to the default value (power-up value) and is
ready to be addressed again within the specified bus free time. If the controller sends a Repeated START
instead, no reset is performed. The I2C-bus controller must interpret a non-acknowledge from the PCA9574
(at any time) as a ‘Software Reset Abort’. The PCA9574 does not initiate a software reset.
7.9 Interrupt output (INT)
The open-drain active LOW interrupt is activated when one of the port pins changes state and the port pin is
configured as an input and the interrupt on it is not masked. The interrupt is deactivated when the port pin input
returns to its previous state or the Input Port register is read. It is highly recommended to program the MSK
register, and the CFG registers during the initialization sequence after power-up, since any change to them
during Normal mode operation may cause undesirable interrupt events to happen.
PCA9574
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.0 — 31 May 2023
11 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com