Electronic Components Datasheet Search
  English  ▼

X  

PCA9574 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9574
Description  8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9574 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9574 Datasheet HTML 9Page - NXP Semiconductors PCA9574 Datasheet HTML 10Page - NXP Semiconductors PCA9574 Datasheet HTML 11Page - NXP Semiconductors PCA9574 Datasheet HTML 12Page - NXP Semiconductors PCA9574 Datasheet HTML 13Page - NXP Semiconductors PCA9574 Datasheet HTML 14Page - NXP Semiconductors PCA9574 Datasheet HTML 15Page - NXP Semiconductors PCA9574 Datasheet HTML 16Page - NXP Semiconductors PCA9574 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
NXP Semiconductors
PCA9574
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
002aaa966
CONTROLLER
TRANSMITTER/
RECEIVER
TARGET
RECEIVER
TARGET
TRANSMITTER/
RECEIVER
CONTROLLER
TRANSMITTER
CONTROLLER
TRANSMITTER/
RECEIVER
SDA
SCL
I2C-BUS
MULTIPLEXER
TARGET
Figure 9. System configuration
8.3 Acknowledge
The number of data bytes transferred between the START and the STOP conditions from transmitter to receiver
is not limited. Each byte of eight bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level
put on the bus by the transmitter, whereas the controller generates an extra acknowledge related clock pulse.
A target receiver which is addressed must generate an acknowledge after the reception of each byte. Also
a controller must generate an acknowledge after the reception of each byte that has been clocked out of the
target transmitter. The device that acknowledges has to pull down the SDA line during the acknowledge clock
pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse; set-
up time and hold time must be taken into account.
A controller receiver must signal an end of data to the transmitter by not generating an acknowledge on the
last byte that has been clocked out of the target. In this event, the transmitter must leave the data line HIGH to
enable the controller to generate a STOP condition.
002aaa987
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from controller
Figure 10. Acknowledgement on the I2C-bus
9 Bus transactions
Data is transmitted to the PCA9574 registers using ‘Write Byte’ transfers (see Figure 11 and Figure 12).
Data is read from the PCA9574 registers using ‘Read Byte’ transfers (see Figure 13 and Figure 14).
PCA9574
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.0 — 31 May 2023
13 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com