Electronic Components Datasheet Search
  English  ▼

X  

PCA9574 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA9574
Description  8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9574 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA9574 Datasheet HTML 21Page - NXP Semiconductors PCA9574 Datasheet HTML 22Page - NXP Semiconductors PCA9574 Datasheet HTML 23Page - NXP Semiconductors PCA9574 Datasheet HTML 24Page - NXP Semiconductors PCA9574 Datasheet HTML 25Page - NXP Semiconductors PCA9574 Datasheet HTML 26Page - NXP Semiconductors PCA9574 Datasheet HTML 27Page - NXP Semiconductors PCA9574 Datasheet HTML 28Page - NXP Semiconductors PCA9574 Datasheet HTML 29Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
NXP Semiconductors
PCA9574
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Tables
Tab. 1.
Ordering information ..........................................2
Tab. 2.
Ordering options ................................................3
Tab. 3.
Pin description ...................................................5
Tab. 4.
Register summary ............................................. 6
Tab. 5.
Register 0 - Input port register (address
00h) bit description ............................................7
Tab. 6.
Register 1 - Polarity inversion register
(address 01h) bit description .............................8
Tab. 7.
Register 2 - Bus-hold/pull-up/pull-down
enable register (address 02h) bit
description ......................................................... 8
Tab. 8.
Register 3 - Pull-up/pull-down selector
register (address 03h) bit description ................9
Tab. 9.
Register 4 - Configuration register (address
04h) bit description ............................................9
Tab. 10. Register 5 - Output port register (address
05h) bit description ..........................................10
Tab. 11. Register 6 - Interrupt mask register
(address 06h) bit description ...........................10
Tab. 12. Register 7 - Interrupt status register
(address 07h) bit description ...........................10
Tab. 13. Limiting values ................................................ 16
Tab. 14. Static characteristics ....................................... 16
Tab. 15. Dynamic characteristics .................................. 17
Tab. 16. SnPb eutectic process (from J-STD-020D) ..... 23
Tab. 17. Lead-free process (from J-STD-020D) ............23
Tab. 18. Abbreviations ...................................................24
Tab. 19. Revision history ...............................................25
Figures
Fig. 1.
Block diagram of PCA9574 ...............................3
Fig. 2.
Simplified schematic of the I/Os (P0 to P7) ....... 4
Fig. 3.
Pin configuration for TSSOP16 ......................... 5
Fig. 4.
Pin configuration for HVQFN16 .........................5
Fig. 5.
PCA9574 device address ..................................6
Fig. 6.
Command register .............................................6
Fig. 7.
Bit transfer .......................................................12
Fig. 8.
Definition of START and STOP conditions ...... 12
Fig. 9.
System configuration .......................................13
Fig. 10.
Acknowledgement on the I2C-bus .................. 13
Fig. 11.
Write to Output port register ............................14
Fig. 12.
Write to Polarity inversion, Bus-
hold enable, Pull-up/pull-down selector,
Configuration, Interrupt mask and Interrupt
status registers ................................................14
Fig. 13.
Read from register .......................................... 14
Fig. 14.
Read Input port register .................................. 15
Fig. 15.
Typical application ...........................................15
Fig. 16.
VOH at VDD = 3.3 V, VDD(IO) = 1.2 V, IOH
= -1 mA ...........................................................17
Fig. 17.
VOH at VDD = 3.3 V, VDD(IO) = 3.3 V, IOH
= -1 mA ...........................................................17
Fig. 18.
Definition of timing .......................................... 19
Fig. 19.
Reset timing .................................................... 19
Fig. 20.
Test circuitry for switching times ......................19
Fig. 21.
Package outline SOT403-1 (TSSOP16) ..........20
Fig. 22.
Package outline SOT758-1 (HVQFN16) ......... 21
Fig. 23.
Temperature profiles for large and small
components .....................................................24
PCA9574
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.0 — 31 May 2023
28 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com