Electronic Components Datasheet Search
  English  ▼

X  

PCA9574 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9574
Description  8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9574 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9574 Datasheet HTML 4Page - NXP Semiconductors PCA9574 Datasheet HTML 5Page - NXP Semiconductors PCA9574 Datasheet HTML 6Page - NXP Semiconductors PCA9574 Datasheet HTML 7Page - NXP Semiconductors PCA9574 Datasheet HTML 8Page - NXP Semiconductors PCA9574 Datasheet HTML 9Page - NXP Semiconductors PCA9574 Datasheet HTML 10Page - NXP Semiconductors PCA9574 Datasheet HTML 11Page - NXP Semiconductors PCA9574 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
NXP Semiconductors
PCA9574
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
7.5.2 Register 1 - Polarity inversion register
This register allows the user to invert the polarity of the Input port register data. If a bit in this register is set
(written with ‘1’), the corresponding Input port data is inverted. If a bit in this register is cleared (written with a
‘0’), the Input port data polarity is retained.
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
N0.7
R/W
0*
6
N0.6
R/W
0*
5
N0.5
R/W
0*
4
N0.4
R/W
0*
3
N0.3
R/W
0*
2
N0.2
R/W
0*
1
N0.1
R/W
0*
0
N0.0
R/W
0*
inverts polarity of Input port register data
0 = Input port register data retained (default value)
1 = Input port register data inverted
Table 6. Register 1 - Polarity inversion register (address 01h) bit description
7.5.3 Register 2 - Bus-hold/pull-up/pull-down enable register
Bit 0 of this register allows the user to enable/disable the bus-hold feature for the I/O pins. Setting the bit 0 to
logic 1 enables bus-hold feature for the I/O bank. In this mode, the pull-up/pull-downs will be disabled. Setting
the bit 0 to logic 0 disables bus-hold feature.
Bit 1 of this register allows the user to enable/disable pull-up/pull-downs on the I/O pins. Setting the bit 1 to logic
1 enables selection of pull-up/pull-down using Register 3. Setting the bit 1 to logic 0 disables pull-up/pull-downs
on the I/O pins and contents of Register 3 will have no effect on the I/O.
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
E0.7
R/W
X
6
E0.6
R/W
X
5
E0.5
R/W
X
4
E0.4
R/W
X
3
E0.3
R/W
X
2
E0.2
R/W
X
not used
1
E0.1
R/W
0*
allows the user to enable/disable pull-up/pull-downs on the I/O pins
0 = disables pull-up/pull-downs on the I/O pins and contents of Register
3 will have no effect on the I/O (default value)
1 = enables selection of pull-up/pull-down using Register 3
0
E0.0
R/W
0*
allows user to enable/disable the bus-hold feature for the I/O pins
0 = disables bus-hold feature (default value)
1 = enables bus-hold feature
Table 7. Register 2 - Bus-hold/pull-up/pull-down enable register (address 02h) bit description
PCA9574
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.0 — 31 May 2023
8 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com