Electronic Components Datasheet Search
  English  ▼

X  

GC5318 Datasheet(PDF) 39 Page - Texas Instruments

Part # GC5318
Description  HIGH-DENSITY DIGITAL UPCONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5318 Datasheet(HTML) 39 Page - Texas Instruments

Back Button GC5318 Datasheet HTML 35Page - Texas Instruments GC5318 Datasheet HTML 36Page - Texas Instruments GC5318 Datasheet HTML 37Page - Texas Instruments GC5318 Datasheet HTML 38Page - Texas Instruments GC5318 Datasheet HTML 39Page - Texas Instruments GC5318 Datasheet HTML 40Page - Texas Instruments GC5318 Datasheet HTML 41Page - Texas Instruments GC5318 Datasheet HTML 42Page - Texas Instruments GC5318 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
www.ti.com
5.2 Microprocessor Signals
GC5318
HIGH-DENSITY DIGITAL UPCONVERTER
SLWS187 – JULY 2006
Signal Name
Ball Desig
Type
Description
txout_d_16
D5
output
Transmit output bus d
txout_d_15
A3
output
Transmit output bus d
txout_d_14
B4
output
Transmit output bus d
txout_d_13
C5
output
Transmit output bus d
txout_d_12
A4
output
Transmit output bus d
txout_d_11
B5
output
Transmit output bus d
txout_d_10
C6
output
Transmit output bus d
txout_d_9
D7
output
Transmit output bus d
txout_d_8
A5
output
Transmit output bus d
txout_d_7
B6
output
Transmit output bus d
txout_d_6
C7
output
Transmit output bus d
txout_d_5
D8
output
Transmit output bus d
txout_d_4
A6
output
Transmit output bus d
txout_d_3
B7
output
Transmit output bus d
txout_d_2
C8
output
Transmit output bus d
txout_d_1
A7
output
Transmit output bus d
txout_d_0
B8
output
Transmit output bus d LSB
Signal Name
Ball Desig
Type
Description
d0
AD8
input/output
MPU register interface data bus LSB
d1
AE7
input/output
MPU register interface data bus
d2
AF6
input/output
MPU register interface data bus
d3
AC8
input/output
MPU register interface data bus
d4
AD7
input/output
MPU register interface data bus
d5
AE6
input/output
MPU register interface data bus
d6
AF5
input/output
MPU register interface data bus
d7
AC7
input/output
MPU register interface data bus
d8
AD6
input/output
MPU register interface data bus
d9
AE5
input/output
MPU register interface data bus
d10
AF4
input/output
MPU register interface data bus
d11
AD5
input/output
MPU register interface data bus
d12
AE4
input/output
MPU register interface data bus
d13
AF3
input/output
MPU register interface data bus
d14
AC5
input/output
MPU register interface data bus
d15
AD4
input/output
MPU register interface data bus MSB
a0
AB4
input
MPU register interface address bus LSB
a1
AD1
input
MPU register interface address bus
a2
AC2
input
MPU register interface address bus
a3
AB3
input
MPU register interface address bus
a4
AA4
input
MPU register interface address bus
a5
AC1
input
MPU register interface address bus MSB
rd_n
Y4
input
MPU register interface read—active low
wr_n
AA3
input
MPU register interface write—active low
ce_n
AB2
input
MPU register interface chip enable—active low
reset_n
R24
input
Chip reset—active low
interrupt
AC3
output
Chip interrupt
GC5318 Pin Description
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com