Electronic Components Datasheet Search
  English  ▼

X  

GC5318 Datasheet(PDF) 33 Page - Texas Instruments

Part # GC5318
Description  HIGH-DENSITY DIGITAL UPCONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5318 Datasheet(HTML) 33 Page - Texas Instruments

Back Button GC5318 Datasheet HTML 29Page - Texas Instruments GC5318 Datasheet HTML 30Page - Texas Instruments GC5318 Datasheet HTML 31Page - Texas Instruments GC5318 Datasheet HTML 32Page - Texas Instruments GC5318 Datasheet HTML 33Page - Texas Instruments GC5318 Datasheet HTML 34Page - Texas Instruments GC5318 Datasheet HTML 35Page - Texas Instruments GC5318 Datasheet HTML 36Page - Texas Instruments GC5318 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
www.ti.com
GC5318
HIGH-DENSITY DIGITAL UPCONVERTER
SLWS187 – JULY 2006
LSB
Bit
Variable Name
Type
Page
Address
Position
Width
Default
Description
comp_pmeter0_interval_lsb
D
1C00
04
0
16
0
This is the interval over which the integration is
restarted and must be greater than the
integration count. The interval start counter and
RMS power accumulation is started at the sync
pulse after the programmed delay and every
time the interval counter reaches its limit. Bits
0–15
comp_pmeter0_interval_msb
D
1C00
05
0
5
0
Bits 16–20 of the interval over which the
integration is restarted. (Used in conjunction with
the previous variable.)
comp_pmeter1_count_lsb
D
1C00
06
0
16
0
See description for pmeter0
comp_pmeter1_count_msb
D
1C00
07
0
5
0
See description for pmeter0
comp_pmeter1_sync_delay
D
1C00
07
7
9
0
See description for pmeter0
comp_pmeter1_interval_lsb
D
1C00
08
0
16
0
See description for pmeter0
comp_pmeter1_interval_msb
D
1C00
09
0
5
0
See description for pmeter0
comp_pmeter2_count_lsb
D
1C00
0A
0
16
0
See description for pmeter0
comp_pmeter2_count_msb
D
1C00
0B
0
5
0
See description for pmeter0
comp_pmeter2_sync_delay
D
1C00
0B
7
9
0
See description for pmeter0
comp_pmeter2_interval_lsb
D
1C00
0C
0
16
0
See description for pmeter0
comp_pmeter2_interval_msb
D
1C00
0D
0
5
0
See description for pmeter0
comp_pmeter3_count_lsb
D
1C00
0E
0
16
0
See description for pmeter0
comp_pmeter3_count_msb
D
1C00
0F
0
5
0
See description for pmeter0
comp_pmeter3_sync_delay
D
1C00
0F
7
9
0
See description for pmeter0
comp_pmeter3_interval_lsb
D
1C00
10
0
16
0
See description for pmeter0
comp_pmeter3_interval_msb
D
1C00
11
0
5
0
See description for pmeter0
duc_counter_lsb
D
1C00
1A
0
16
65535
32-bit interval timer common to all DUC sync
inputs. This timer may be programmed to any
interval count, and each DUC synchronization
input can select this counter as a source. This
counter increments on every TXCLK rising edge.
Bits 0–15
duc_counter_msb
D
1C00
1B
0
16
65535
Bits 16-31 of the above mentioned 32-bit interval
timer.
ssel_duc_counter
U
1C00
1C
8
3
0
Selects the sync source for the DUC sync
counter.
duc_counter_width
D
1C00
1C
0
8
0
Sets the width of the counter generated sync
pulse in TX clock cycles, from 1 to 256. The
width of this pulse must be long enough to be
captured by the slowest block to use the DUC
counter sync.
ssel_comp_pmeter_0
U
1C00
1D
12
3
0
Selects the sync source for composite power
meter 0.
ssel_comp_pmeter_1
U
1C00
1D
8
3
0
Selects the sync source for composite power
meter 1.
ssel_comp_pmeter_2
U
1C00
1D
4
3
0
Selects the sync source for composite power
meter 2.
ssel_comp_pmeter_3
U
1C00
1D
0
3
0
Selects the sync source for composite power
meter 3.
ssel_txsync_out
U
1C00
1E
0
3
0
Selects the sync source for the TXSYNC_OUT
pin.
GC5318 Programming
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com