Electronic Components Datasheet Search
  English  ▼

X  

GC5318 Datasheet(PDF) 20 Page - Texas Instruments

Part # GC5318
Description  HIGH-DENSITY DIGITAL UPCONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5318 Datasheet(HTML) 20 Page - Texas Instruments

Back Button GC5318 Datasheet HTML 16Page - Texas Instruments GC5318 Datasheet HTML 17Page - Texas Instruments GC5318 Datasheet HTML 18Page - Texas Instruments GC5318 Datasheet HTML 19Page - Texas Instruments GC5318 Datasheet HTML 20Page - Texas Instruments GC5318 Datasheet HTML 21Page - Texas Instruments GC5318 Datasheet HTML 22Page - Texas Instruments GC5318 Datasheet HTML 23Page - Texas Instruments GC5318 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
www.ti.com
2.1.9
Sum Chain
CDMA
DUCB
CDMA
DUCA
Or1UMTSChannel
DUC11
CDMA
DUCB
CDMA
DUCB
CDMA
DUCA
CDMA
DUCA
Or1UMTSChannel
Or1UMTSChannel
DUC1
DUC0
SUM0
26
26
26
SUM1
SUM2
ToScaleand
RoundBlock
26
SUM3
DUCs
2-10
GC5318
HIGH-DENSITY DIGITAL UPCONVERTER
SLWS187 – JULY 2006
Figure 2-15. Sum Chain
The sum chain is a daisy-chain of all DUC outputs into four independent composite output streams. Each
DUC output drives four complex adders, each summing the DUC contribution into the sum chain.
The DUC output data driving the adders is 21 bits. The sum chain partial sum outputs are 26 bits wide to
allow for word growth. Each DUC output can contribute to any of the four sum chains via programmable
enable lines. The output of the last daisy-chained sum is then the composite of all of the 24 CDMA or 12
UMTS channels. There must be no DUCs powered down within a sum chain that have lower numbers
than those that are active. This condition would break the chain. For example, if DUCs 3-5 are used and
active, DUCs 0-2 must not be powered down.
As shown in Figure 2-15, each DUC contains a portion of the sumchain. Individual sum chain outputs can
be summed together using the parameters below.
GC5318 Operation
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com