Electronic Components Datasheet Search
  English  ▼

X  

GC5318 Datasheet(PDF) 18 Page - Texas Instruments

Part # GC5318
Description  HIGH-DENSITY DIGITAL UPCONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5318 Datasheet(HTML) 18 Page - Texas Instruments

Back Button GC5318 Datasheet HTML 14Page - Texas Instruments GC5318 Datasheet HTML 15Page - Texas Instruments GC5318 Datasheet HTML 16Page - Texas Instruments GC5318 Datasheet HTML 17Page - Texas Instruments GC5318 Datasheet HTML 18Page - Texas Instruments GC5318 Datasheet HTML 19Page - Texas Instruments GC5318 Datasheet HTML 20Page - Texas Instruments GC5318 Datasheet HTML 21Page - Texas Instruments GC5318 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
www.ti.com
a) Worst Case Spectrum Without Dither
b) Spectrum With Dither (Tuned to Same Frequency)
a) Plot Without Dither or Phase Initialization
b) Plot With Dither and Phase Initialization
GC5318
HIGH-DENSITY DIGITAL UPCONVERTER
SLWS187 – JULY 2006
Table 2-12. Programming
VARIABLE
DESCRIPTION
dither_ena
When set, turns dither on. Clearing turns dither off.
The NCO spurious levels are shown in Figure 2-13 and Figure 2-14. Added phase dither randomizes the
ROM lookup slightly, thereby creating the ROM lookup error—spreading the spurious energy around
rather than concentrating it in a few frequencies. The phase dither is added below the LSB of the ROM
lookup. If the tuning frequency has no high bits more than 17 bits below the msb, the phase dither has no
effect. If the tuning frequency is a multiple of Fs/96, then an initial phase offset of four often reduces NCO
spurs. Figure 2-13 and Figure 2-14 show the spur level performance of the NCO without dither, with
dither, and with a phase offset value.
Figure 2-13. Example NCO Spurs With and Without Dithering
Figure 2-14. NCO Peak Spur Plot
18
GC5318 Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com