Electronic Components Datasheet Search
  English  ▼

X  

GC5318 Datasheet(PDF) 31 Page - Texas Instruments

Part # GC5318
Description  HIGH-DENSITY DIGITAL UPCONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5318 Datasheet(HTML) 31 Page - Texas Instruments

Back Button GC5318 Datasheet HTML 27Page - Texas Instruments GC5318 Datasheet HTML 28Page - Texas Instruments GC5318 Datasheet HTML 29Page - Texas Instruments GC5318 Datasheet HTML 30Page - Texas Instruments GC5318 Datasheet HTML 31Page - Texas Instruments GC5318 Datasheet HTML 32Page - Texas Instruments GC5318 Datasheet HTML 33Page - Texas Instruments GC5318 Datasheet HTML 34Page - Texas Instruments GC5318 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
www.ti.com
4.1.4
Global Control Variables
GC5318
HIGH-DENSITY DIGITAL UPCONVERTER
SLWS187 – JULY 2006
These registers contain global controls for the GC5318. These registers are not paged and are accessed
directly using addresses 32–63 (20–3f hex)
LSB
Bit
Variable Name
Type
Address
Position
Width
Default
Description
page
E
21
0
16
0
The page register selects which page addresses 00-1F
(0-31) will access.
slf_tst_ena
D
22
15
1
0
(TESTING PURPOSES) Turns on the checksum LFSR.
tst_sel_chan
E
22
1
2
0
(TESTING PURPOSES) In each slice, these bits control
which tst_out is sent to the transmit block. (which duc in the
slice)
tst_on
E
22
0
1
0
(TESTING PURPOSES) When asserted the testbus is
active; txout_c (17:0), and txout_d (17:0) form the 36-bit test
word output.
The following tristates are active low; 0 turns the output on; 1
tristates it.
3-state_10
E
23
10
1
1
Reserved outputs for test; must be set to 1 (tristate)
3-state_9
C
23
9
1
1
This bit turns on the slice5 tx_sync.
3-state_8
C
23
8
1
1
This bit turns on the slice4 tx_sync.
3-state_7
C
23
7
1
1
This bit turns on the slice3 tx_sync.
3-state_6
C
23
6
1
1
This bit turns on the slice2 tx_sync.
3-state_5
C
23
5
1
1
This bit turns on the slice1 tx_sync.
3-state_4
C
23
4
1
1
This bit turns on the slice0 tx_syncand tx_sync_out.
3-state_3
C
23
3
1
1
This turns on the txout_d outputs.
3-state_2
C
23
2
1
1
This turns on the txout_c CLK_TST, IFLAG_TST, and
SYNC_TST outputs.
3-state_1
C
23
1
1
1
This turns on the txout_b outputs.
3-state_0
C
23
0
1
1
This turns on the txout_a, TX_IFLAG, and TXCLK_OUT
outputs.
tx_oneshot
D
24
15
1
0
When set, a one-shot pulse is sent to the transmit blocks for
syncing. This option works only if the blocks are programmed
to see the oneshot. To use the one-shot again, it must be
programmed back to a '0' and then back to a '1'.
imask_comp_pmeter
D
29
12
4
0
Interrupt mask bits for the transmit composite power meter
imask_tx_pmeter
D
2A
4
12
0
Interrupt mask bits for the composite power meter
imask_tx_cic
D
2C
0
12
0
Interrupt mask bits for overflow detection in the transmit cics
GC5318 Programming
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com