Electronic Components Datasheet Search
  English  ▼

X  

DS3984Z Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS3984Z
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984Z Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS3984Z Datasheet HTML 3Page - Dallas Semiconductor DS3984Z Datasheet HTML 4Page - Dallas Semiconductor DS3984Z Datasheet HTML 5Page - Dallas Semiconductor DS3984Z Datasheet HTML 6Page - Dallas Semiconductor DS3984Z Datasheet HTML 7Page - Dallas Semiconductor DS3984Z Datasheet HTML 8Page - Dallas Semiconductor DS3984Z Datasheet HTML 9Page - Dallas Semiconductor DS3984Z Datasheet HTML 10Page - Dallas Semiconductor DS3984Z Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
_____________________________________________________________________
7
Pin Description
PINS BY CHANNEL (n = 1–4) [TQFP/SO]
DESCRIPTION
NAME
CH 1
CH 2
CH 3
CH 4
GAn
5/7
10/11
17/17
21/21
MOSFET A Gate Drive. Connect directly to logic-level mode
n-channel MOSFET. Leave open if channel is unused.
GBn
6/8
11/12
18/18
22/22
MOSFET B Gate Drive. Connect directly to logic-level mode
n-channel MOSFET. Leave open if channel is unused.
LCMn
7/9
12/13
19/19
23/23
Lamp Current Monitor Input. Lamp current is monitored by measuring a
voltage across a resistor placed in series with the low-voltage side of the
lamp. Leave open if channel is unused.
OVDn
8/10
13/14
20/20
24/24
Overvoltage Detection. Lamp voltage is monitored through a capacitor-
divider placed on the high-voltage side of the transformer. Leave open if
channel is unused.
PIN
NAME
TQFP
SO
DESCRIPTION
GND
1, 9,
14, 16
15
Ground Connection
VCC
2, 15
16
Power-Supply Connection
BRIGHT
35
Analog Brightness Control Input. Used to control DPWM dimming. Ground when using a PWM
signal at PSYNC to control brightness.
SVM
4
6
Supply Voltage Monitor Input. Used to monitor the inverter voltage for undervoltage conditions.
SDA
25
25
Serial Data Input/Output. I
2C bidirectional data pin, which requires a pullup resistor to realize high
logic levels.
SCL
26
26
Serial Clock Input. I
2C clock input.
FAULT
27
27
Fault Output. Active-low, open-drain, requires external pullup resistor to realize high logic levels.
LSYNC
28
28
Lamp Frequency Input/Output. This pin is the input for an externally sourced lamp frequency
when the DS3984 is configured as a lamp frequency receiver. If the DS3984 is configured as a
lamp frequency source (i.e., the lamp frequency is generated internally), the frequency is output
on this pin for use by other lamp frequency receiver DS3984s.
LOSC
29
1
Lamp Oscillator Resistor Adjust. A resistor to ground on this lead sets the frequency of the lamp.
A0
30
2
Address Select Input. Determines the DS3984’s I
2C slave address.
PSYNC
31
3
DPWM Input/Output. This pin is the input for an externally generated DPWM signal when the
DS3984 is configured as a DPWM receiver. If the DS3984 is configured as a DPWM source (i.e.,
the DPWM signal is generated internally), the DPWM signal is output on this pin for use by other
DPWM receiver DS3984s.
POSC
32
4
DPWM Oscillator Resistor Adjust. A resistor to ground on this lead sets the frequency of the
DPWM oscillator (dimming clock). This lead can optionally accept a 22.5Hz to 440Hz clock as the
source timing for the internal DPWM signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com