Electronic Components Datasheet Search
  English  ▼

X  

DS3984Z Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS3984Z
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984Z Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS3984Z Datasheet HTML 14Page - Dallas Semiconductor DS3984Z Datasheet HTML 15Page - Dallas Semiconductor DS3984Z Datasheet HTML 16Page - Dallas Semiconductor DS3984Z Datasheet HTML 17Page - Dallas Semiconductor DS3984Z Datasheet HTML 18Page - Dallas Semiconductor DS3984Z Datasheet HTML 19Page - Dallas Semiconductor DS3984Z Datasheet HTML 20Page - Dallas Semiconductor DS3984Z Datasheet HTML 21Page - Dallas Semiconductor DS3984Z Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
18
____________________________________________________________________
Table 4. Control Register 2 (CR2)
BIT
NAME
FUNCTION
0
UMWP
User Memory Write Protect.
0 = User Memory Write Access Blocked
1 = User Memory Write Access Permitted
1
POSCR0
DPWM Oscillator Range Select. When using an external source for the dimming clock, these bits must
be set to match the external oscillator’s frequency. When using a resistor to set the dimming
frequency, these bits plus the external resistor control the frequency.
POSCR1
POSCR0
DIMMING CLOCK (DPWM)
FREQUENCY RANGE (Hz)
K
(k
Ω-kHz)
00
22.5 to 55.0
1
01
45 to 110
2
10
90 to 220
4
2
POSCR1
11
180 to 440
8
Lamp Sample Rate Select. Determines the feedback sample rate of the LCM inputs.
LSR1
LSR0
SELECTED LAMP
SAMPLE RATE
EXAMPLE SAMPLE RATE
IF LAMP FREQUENCY IS
50kHz
3
LSR0
00
4 Lamp Frequency Cycles
12500Hz
01
8 Lamp Frequency Cycles
6250Hz
10
16 Lamp Frequency Cycles
3125Hz
4
LSR1
11
32 Lamp Frequency Cycles
1563Hz
Lamp Disable. Used to disable channels if all 4 are not required for an application.
LD1
LD0
CHANNELS DISABLED
NUMBER OF ACTIVE
LAMP CHANNELS
00
All Channels Enabled
4
5
LD0
01
4
3
10
2/4
2
6
LD1
11
1/2/4
1
7
Reserved
Reserved. Should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com