Electronic Components Datasheet Search
  English  ▼

X  

DS3984Z Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS3984Z
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984Z Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS3984Z Datasheet HTML 16Page - Dallas Semiconductor DS3984Z Datasheet HTML 17Page - Dallas Semiconductor DS3984Z Datasheet HTML 18Page - Dallas Semiconductor DS3984Z Datasheet HTML 19Page - Dallas Semiconductor DS3984Z Datasheet HTML 20Page - Dallas Semiconductor DS3984Z Datasheet HTML 21Page - Dallas Semiconductor DS3984Z Datasheet HTML 22Page - Dallas Semiconductor DS3984Z Datasheet HTML 23Page - Dallas Semiconductor DS3984Z Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
20
____________________________________________________________________
Byte Write: A byte write consists of 8 bits of informa-
tion transferred from the master to the slave (most sig-
nificant bit first) plus a 1-bit acknowledgement from the
slave to the master. The 8 bits transmitted by the mas-
ter are done according to the bit-write definition and the
acknowledgement is read using the bit-read definition.
Byte Read: A byte read is an 8-bit information transfer
from the slave to the master plus a 1-bit ACK or NACK
from the master to the slave. The 8 bits of information
that are transferred (most significant bit first) from the
slave to the master are read by the master using the bit
read definition, and the master transmits an ACK using
the bit write definition to receive additional data bytes.
The master must NACK the last byte read to terminate
communication so the slave will return control of SDA to
the master.
Slave Address Byte: Each slave on the I2C bus
responds to a slave addressing byte sent immediately
following a start condition. The slave address byte
(Figure 10) contains the slave address in the most signifi-
cant seven bits and the R/
W bit in the least significant bit.
The DS3984’s slave address is 101000A0 (binary),
where A0 is the value of the address pin (A0). The
address pin allows the device to respond to one of two
possible slave addresses. By writing the correct slave
address with R/
W = 0, the master writes data to the
slave. If R/
W = 1, the master reads data from the slave.
If an incorrect slave address is written, the DS3984 will
assume the master is communicating with another I2C
device and ignore the communications until the next
start condition is sent.
Memory Address: During an I2C write operation, the
master must transmit a memory address to identify the
memory location where the slave is to store the data.
The memory address is always the second byte trans-
mitted during a write operation following the slave
address byte.
I2C Communication
Writing a Data Byte to a Slave: The master must gen-
erate a start condition, write the slave address byte
(R/
W = 0), write the memory address, write the byte of
data, and generate a stop condition. Remember the
master must read the slave’s acknowledgement during
all byte write operations. See Figure 11 for more detail.
Acknowledge Polling: Any time EEPROM is written,
the DS3984 requires the EEPROM write time (tW) after
the stop condition to write the contents to EEPROM.
During the EEPROM write time, the DS3984 will not
acknowledge its slave address because it is busy. It is
possible to take advantage of that phenomenon by
repeatedly addressing the DS3984, which allows the
next byte of data to be written as soon as the DS3984 is
ready to receive the data. The alternative to acknowl-
edge polling is to wait for a maximum period of tW to
elapse before attempting to write again to the DS3984.
EEPROM Write Cycles: The number of times the
DS3984’s EEPROM can be written before it fails is
specified in the Nonvolatile Memory Characteristics
table. This specification is shown at the worst-case
write temperature. The DS3984 is typically capable of
handling many additional write cycles when the writes
are performed at room temperature.
Reading a Data Byte from a Slave: To read a single
byte from the slave the master generates a start condi-
tion, writes the slave address byte with R/
W = 0, writes
the memory address, generates a repeated start condi-
tion, writes the slave address with R/
W = 1, reads the
data byte with a NACK to indicate the end of the trans-
fer, and generates a stop condition. See Figure 11 for
more detail.
Figure 10. DS3984’s Slave Address Byte
7-BIT SLAVE ADDRESS
MOST
SIGNIFICANT BIT
A0 PIN VALUE
DETERMINES
READ OR WRITE
R/W
1
01
0
00 A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com