Electronic Components Datasheet Search
  English  ▼

X  

DS3984Z Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS3984Z
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984Z Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS3984Z Datasheet HTML 16Page - Dallas Semiconductor DS3984Z Datasheet HTML 17Page - Dallas Semiconductor DS3984Z Datasheet HTML 18Page - Dallas Semiconductor DS3984Z Datasheet HTML 19Page - Dallas Semiconductor DS3984Z Datasheet HTML 20Page - Dallas Semiconductor DS3984Z Datasheet HTML 21Page - Dallas Semiconductor DS3984Z Datasheet HTML 22Page - Dallas Semiconductor DS3984Z Datasheet HTML 23Page - Dallas Semiconductor DS3984Z Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
24 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
is a registered trademark of Dallas Semiconductor Corporation.
Package Information
For the latest package outline information, go to
www.maxim-ic.com/DallasPackInfo.
Chip Information
TRANSISTOR COUNT: 70,200
SUBSTRATE CONNECTED TO: Ground
17
18
19
20
21
22
23
GA3
GB3
LCM3
OVD3
GA4
GB4
LCM4
8
7
6
5
4
3
2
OVD1
LCM1
GB1
GA1
SVM
BRIGHT
VCC
TQFP 7 x 7 x 1.0mm
1
GND
24
OVD4
TOP VIEW
DS3984
Pin Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com