Electronic Components Datasheet Search
  English  ▼

X  

DS3984Z Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS3984Z
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984Z Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS3984Z Datasheet HTML 10Page - Dallas Semiconductor DS3984Z Datasheet HTML 11Page - Dallas Semiconductor DS3984Z Datasheet HTML 12Page - Dallas Semiconductor DS3984Z Datasheet HTML 13Page - Dallas Semiconductor DS3984Z Datasheet HTML 14Page - Dallas Semiconductor DS3984Z Datasheet HTML 15Page - Dallas Semiconductor DS3984Z Datasheet HTML 16Page - Dallas Semiconductor DS3984Z Datasheet HTML 17Page - Dallas Semiconductor DS3984Z Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
14
____________________________________________________________________
Setting the Lamp and Dimming Clock (DPWM)
Frequencies Using External Resistors
Both the lamp and dimming clock frequencies can be
set using external resistors. The resistance required for
either frequency can be determined using the following
formula:
where K = 1600k
Ω•kHz for lamp frequency calcula-
tions. When calculating the resistor value for the dim-
ming clock frequency, K will be one of four values as
determined by the desired frequency and the POSCR0
and POSCR1 bit settings as shown in the Control
Register 2 (CR2) Table 4 in the Detailed Register
Descriptions section.
Example: Selecting the resistor values to configure a
DS3984 to have a 50kHz lamp frequency and a 160Hz
dimming clock frequency:
For this configuration, POSCR0 and POSCR1 must be
programmed to 1 and 0, respectively, to select 90Hz to
220Hz as the dimming clock frequency range. This sets
K for the dimming clock resistor (RPOSC) calculation to
4k
Ω•kHz. For the lamp frequency resistor (RLOSC) cal-
culation, K = 1600k
Ω•kHz, which allows the lamp fre-
quency K value regardless of the frequency. The
formula above can now be used to calculate the resis-
tor values for RLOSC and RPOSC as follows:
Supply Monitoring
The DS3984 monitors both the transformer’s DC supply
and its own VCC supply to ensure that both voltage lev-
els are adequate for proper operation.
The inverter’s transformer supply (VINV) is monitored
using an external resistor-divider that is the input into a
comparator (see Figure 7) with a 2V threshold. Using
the equation below to determine the resistor values, the
supply voltage monitor (SVM) trip point (VTRIP) can be
customized to shut off the inverter when the trans-
former’s input voltage drops below any specified value.
Operating with the transformer’s supply at too low of a
level can prevent the inverter from reaching the strike
voltage and could potentially cause numerous other
problems. Proper use of the SVM can prevent these
problems. If desired, the SVM can be disabled by con-
necting the SVM pin to VCC.
The VCC monitor is used as a 5V supply undervoltage
lockout (UVLO) that prevents operation when the DS3984
does not have adequate voltage for its analog circuitry to
operate or to drive the external MOSFETs. The VCC moni-
tor features hysteresis to prevent VCC noise from causing
spurious operation when VCC is near the trip point. This
monitor cannot be disabled by any means.
Fault Monitoring
The DS3984 provides extensive fault monitoring for
each channel. It can detect open-lamp, lamp overcur-
rent, failure to strike, and overvoltage conditions. The
DS3984 can be configured to disable all channels if
one or more channels enter a Fault State, or it can be
configured to disable only the channel where the fault
occurred. Once a Fault State has been entered, the
FAULT output is asserted and the channel(s) remain
disabled until either the DS3984 is power-cycled or the
inverter’s DC supply is power-cycled. The DS3984 can
also be configured to automatically attempt to clear a
detected fault (except lamp overcurrent) by restriking the
lamp, as explained in Step 4. Configuration bits for the
fault monitoring options are located in CR1 and CR2.
V
RR
R
TRIP
.
=
+


20
12
1
R
k
kHz
kHz
k
R
k
kHz
kHz
k
LOSC
POSC
,
.
.
=
•
=
=
•
=
1600
50
32
4
0 160
25 0
Ω
Ω
Ω
Ω
R
K
f
OSC
OSC
=
VINV
2.0V
SVM
EXAMPLE: R1 = 10k
Ω, R2 = 40kΩ SETS AN SVM TRIP POINT OF 10V
R2
R1
DS3984
Figure 7. Setting the SVM Threshold Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com