Electronic Components Datasheet Search
  English  ▼

X  

M30620FCPFP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M30620FCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCPFP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M30620FCPFP Datasheet HTML 35Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 36Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 37Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 38Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 39Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 40Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 41Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 42Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 39
VCC1 = VCC2 = 5V
Timing Requirements
(VCC1 = VCC2 = 5V, VSS = 0V, at Topr = – 20 to 85oC / – 40 to 85oC unless otherwise specified)
Table 5.16 Timer A Input (Gating Input in Timer Mode)
Table 5.17 Timer A Input (External Trigger Input in One-shot Timer Mode)
Table 5.18 Timer A Input (External Trigger Input in Pulse Width Modulation Mode)
Table 5.19 Timer A Input (Counter Increment/decrement Input in Event Counter Mode)
Table 5.15 Timer A Input (Counter Input in Event Counter Mode)
Standard
Max.
ns
TAiIN input LOW pulse width
tw(TAL)
Min.
ns
ns
Unit
TAiIN input HIGH pulse width
tw(TAH)
Parameter
Symbol
tc(TA)
TAiIN input cycle time
40
100
40
Standard
Max.
Min.
ns
ns
ns
Unit
TAiIN input cycle time
TAiIN input HIGH pulse width
TAiIN input LOW pulse width
tc(TA)
tw(TAH)
tw(TAL)
Symbol
Parameter
400
200
200
Standard
Max.
Min.
ns
ns
ns
Unit
TAiIN input cycle time
TAiIN input HIGH pulse width
TAiIN input LOW pulse width
tc(TA)
tw(TAH)
tw(TAL)
Symbol
Parameter
200
100
100
Standard
Max.
Min.
ns
ns
Unit
tw(TAH)
tw(TAL)
Symbol
Parameter
TAiIN input HIGH pulse width
TAiIN input LOW pulse width
100
100
Standard
Max.
Min.
ns
ns
ns
Unit
ns
ns
Symbol
Parameter
TAiOUT input cycle time
TAiOUT input HIGH pulse width
TAiOUT input LOW pulse width
TAiOUT input setup time
TAiOUT input hold time
tc(UP)
tw(UPH)
tw(UPL)
tsu(UP-TIN)
th(TIN-UP)
2000
1000
1000
400
400
Standard
Max.
Min.
ns
ns
ns
Unit
Symbol
Parameter
TAiIN input cycle time
TAiOUT input setup time
TAiIN input setup time
tc(TA)
tsu(TAIN-TAOUT)
tsu(TAOUT-TAIN)
800
200
200
Table 5.20 Timer A Input (Two-phase Pulse Input in Event Counter Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com