Electronic Components Datasheet Search
  English  ▼

X  

M30620FCPFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M30620FCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCPFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M30620FCPFP Datasheet HTML 1Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 2Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 3Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 4Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 5Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 6Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 7Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 8Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 2
1.2 Performance Outline
Table 1.1 to table 1.3 list performance outline of M16C/62 group (M16C/62P, M16C/62PT).
Table 1.1 Performance outline of M16C/62 group (M16C/62P) (128-pin version)
Item
Performance
M16C/62P
Number of basic instructions
91 instructions
Shortest instruction execution time
41.7ns(f(BCLK)=24MHz, VCC1=3.0 to 5.5V)
100ns(f(BCLK)=10MHz, VCC1=2.7 to 5.5V)
Operation mode
Single-chip, memory expansion and microprocessor mode
Memory space
1 Mbyte (Available to 4M bytes by memory space
expansion function)
Memory capacity
See table 1.4 and 1.5 Product List
Port
Input/Output : 113 pins, Input : 1 pin
Multifunction timer
Timer A : 16 bits x 5 channels, Timer B : 16 bits x 6 channels
Three phase motor control circuit
Serial I/O
3 channels
Clock synchronous, UART,
I2C bus (1), IEBus (2)
2 channels
Clock synchronous
A-D converter
10-bit A-D converter: 1 circuit, 26 channels
D-A converter
8 bits x 2 channels
DMAC
2 channels
CRC calculation circuit
CCITT-CRC
Watchdog timer
15 bits x 1 channel (with prescaler)
Interrupt
Internal: 29 sources, External: 8 sources, Software: 4 sources,
Priority level: 7 levels
Clock generating circuit
4 circuits
Main clock generation circuit (*),
Subclock generation circuit (*),
Ring oscillator, PLL synthesizer
(*)Equipped with a built-in feedback resistor.
Oscillation stop detection function
Stop detection of main clock oscillation
, re-oscillation detection
function
Voltage detection circuit
Available (option (4))
Supply voltage
VCC1=3.0 to 5.5V, VCC2=2.7V to VCC1 (f(BCLK)=24MHz)
VCC1=2.7 to 5.5V, VCC2=2.7V to VCC1 (f(BCLK)=10MHz)
Power consumption
14 mA (VCC1=VCC2=5V, f(BCLK)=24MHz)
8 mA (VCC1=VCC2=3V, f(BCLK)=10MHz)
1.8
µA (VCC1=VCC2=3V, f(XCIN)=32kHz, wait mode)
0.7
µ A (VCC1=VCC2=3V, stop mode)
Program/erase supply voltage
3.3
± 0.3 V or 5.0 ± 0.5 V
Program and erase endurance
100 times (all area)
or 1,000 times (user ROM area without block 1)
/ 10,000 times (block A, block 1) (3)
Operating ambient temperature
–20 to 85oC
–40 to 85oC (3)
Package
128-pin plastic mold QFP
CPU
Peripheral
function
Electric
characteris-
tics
Flash memory
Version
NOTES:
1. I2C bus is a registered trademark of Koninklijke Philips Electronics N. V.
2. IEBus is a registered trademark of NEC Electronics Corporation.
3. See table 1.8 Product Code for the program and erase endurance, and operating ambient temperature.
In addition 1,000 times/10,000 times are under development as of Oct., 2003. Please inquire about a release schedule.
4. All options are on request basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com