Electronic Components Datasheet Search
  English  ▼

X  

M30620FCPFP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M30620FCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCPFP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M30620FCPFP Datasheet HTML 17Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 18Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 19Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 20Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 21Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 22Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 23Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 24Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
page 21
2. Central Processing Unit (CPU)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
2. Central Processing Unit (CPU)
Figure 2.1 shows the CPU registers. The CPU has 13 registers. Of these, R0, R1, R2, R3, A0, A1 and FB
comprise a register bank. There are two register banks.
Figure 2.1 Central Processing Unit Register
2.1 Data Registers (R0, R1, R2 and R3)
The R0 register consists of 16 bits, and is used mainly for transfers and arithmetic/logic operations. R1 to
R3 are the same as R0.
The R0 register can be separated between high (R0H) and low (R0L) for use as two 8-bit data registers.
R1H and R1L are the same as R0H and R0L. Conversely, R2 and R0 can be combined for use as a 32-
bit data register (R2R0). R3R1 is the same as R2R0.
2.2 Address Registers (A0 and A1)
The register A0 consists of 16 bits, and is used for address register indirect addressing and address
register relative addressing. They also are used for transfers and logic/logic operations. A1 is the same as
A0.
In some instructions, registers A1 and A0 can be combined for use as a 32-bit address register (A1A0).
Data registers (1)
Address registers (1)
Frame base registers (1)
Program counter
Interrupt table register
User stack pointer
Interrupt stack pointer
Static base register
Flag register
NOTES:
1. These registers comprise a register bank. There are two register banks.
R0H(R0's high bits)
b15
b8 b7
b0
R3
INTBH
USP
ISP
SB
C
D
Z
S
B
O
I
U
IPL
R0L(R0's low bits)
R1H(R1's high bits)R1L(R1's low bits)
R2
b31
R3
R2
A1
A0
FB
b19
INTBL
b15
b0
PC
b19
b0
b15
b0
FLG
b15
b0
b15
b0
b7
b8
Reserved area
Carry flag
Debug flag
Zero flag
Sign flag
Register bank select flag
Overflow flag
Interrupt enable flag
Stack pointer select flag
Reserved area
Processor interrupt priority level
The upper 4 bits of INTB are INTBH and
the lower 16 bits of INTB are INTBL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com