Electronic Components Datasheet Search
  English  ▼

X  

M30620FCPFP Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M30620FCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCPFP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M30620FCPFP Datasheet HTML 73Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 74Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 75Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 76Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 77Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 78Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 79Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 80Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 77
VCC1 = VCC2 = 5V
Timing Requirements
(VCC1 = VCC2 = 5V, VSS = 0V, at Topr = – 40 to 85oC (T version) / – 40 to 125oC (V version) unless
otherwise specified)
Table 5.59 External Clock Input (XIN input)
Max.
External clock rise time
ns
tr
Min.
External clock input cycle time
External clock input HIGH pulse width
External clock input LOW pulse width
External clock fall time
ns
ns
ns
ns
tc
tw(H)
tw(L)
tf
Parameter
Symbol
Unit
Standard
62.5
25
25
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com