Electronic Components Datasheet Search
  English  ▼

X  

M30620FCPFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M30620FCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCPFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M30620FCPFP Datasheet HTML 9Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 10Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 11Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 12Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 13Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 14Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 15Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 16Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 13
Figure 1.6 Pin Configuration (Top View)
Package: 100P6S-A
PIN CONFIGURATION (top view)
1
2 3
4 5
6
7
8
9 10111213141516171819 2021 22 2324252627282930
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P0_0/AN0_0/D0
P0_1/AN0_1/D1
P0_2/AN0_2/D2
P0_3/AN0_3/D3
P0_4/AN0_4/D4
P0_5/AN0_5/D5
P0_6/AN0_6/D6
P0_7/AN0_7/D7
VREF
AVSS
P5_6/ALE
P5_5/HOLD
P5_4/HLDA
P5_3/BCLK
P5_2/RD
P5_7/RDY/CLKOUT
P4_5/CS1
P4_6/CS2
P4_7/CS3
AVCC
P6_3/TXD0/SDA0
P6_5/CLK1
P6_6/RXD1/SCL1
P6_7/TXD1/SDA1
P6_1/CLK0
P6_2/RXD0/SCL0
P10_0/AN0
P10_1/AN1
P10_2/AN2
P10_3/AN3
P6_0/CTS0/RTS0
P6_4/CTS1/RTS1/CTS0/CLKS1
P9_7/ADTRG/SIN4
P4_4/CS0
P5_0/WRL/WR
P5_1/WRH/BHE
P10_7/AN7/KI3
P10_6/AN6/KI2
P10_5/AN5/KI1
P10_4/AN4/KI0
M16C/62 Group
(M16C/62P, M16C/62PT)
NOTES:
1. P7_0 and P7_1 are N channel open-drain output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com