Electronic Components Datasheet Search
  English  ▼

X  

1538021 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1538021
Description  SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1538021 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1538021 Datasheet HTML 1Page - PHOENIX CONTACT 1538021 Datasheet HTML 2Page - PHOENIX CONTACT 1538021 Datasheet HTML 3Page - PHOENIX CONTACT 1538021 Datasheet HTML 4Page - PHOENIX CONTACT 1538021 Datasheet HTML 5Page - PHOENIX CONTACT 1538021 Datasheet HTML 6Page - PHOENIX CONTACT 1538021 Datasheet HTML 7Page - PHOENIX CONTACT 1538021 Datasheet HTML 8Page - PHOENIX CONTACT 1538021 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin assignment
1 (Plug) | YE (DO) | 1 (Socket)
2 (Plug) | GN (DO) | 2 (Socket)
3 (Plug) | GY (DI) | 3 (Socket)
4 (Plug) | PK (DI) | 4 (Socket)
Contact | Color (signal designation) | Contact (optional)
5 (Plug) | BN (GND) | 5 (Socket)
Connector
Connection 1
Type
Plug straight M12
Number of positions
5
Coding type
B (inverse)
Number of positions
5
Connection 2
Type
Socket straight M12
Number of positions
5
Coding type
B
Number of positions
5
Cable/line
Cable length
Free input (0.2 ... 40.0 m)
INTERBUS [900]
Dimensional drawing
Cable weight
70 kg/km
Number of positions
6
Shielded
yes
Cable type
INTERBUS [900]
Conductor structure
3 x 2 x 0.22 mm²
Signal speed
0.66 c
Conductor structure signal line
32x 0.10 mm
AWG signal line
24
Conductor cross section
3x 2x 0.22 mm²
External cable diameter
8 mm
Outer sheath, material
PUR
External sheath, color
may green RAL 6017
SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
1538021
https://www.phoenixcontact.com/us/products/1538021
Jul 11, 2023, 4:33 AM
Page 3 (18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com