Electronic Components Datasheet Search
  English  ▼

X  

1538021 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1538021
Description  SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1538021 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1538021 Datasheet HTML 1Page - PHOENIX CONTACT 1538021 Datasheet HTML 2Page - PHOENIX CONTACT 1538021 Datasheet HTML 3Page - PHOENIX CONTACT 1538021 Datasheet HTML 4Page - PHOENIX CONTACT 1538021 Datasheet HTML 5Page - PHOENIX CONTACT 1538021 Datasheet HTML 6Page - PHOENIX CONTACT 1538021 Datasheet HTML 7Page - PHOENIX CONTACT 1538021 Datasheet HTML 8Page - PHOENIX CONTACT 1538021 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Conductor material
Bare Cu litz wires
Material wire insulation
PE
Single wire, color
green-yellow, white-brown, gray-pink
Twisted pairs
2 cores to the pair
Overall twist
3 pairs to the core
Insulation resistance
≥ 5 GΩ*km
Coupling resistance
< 250.00 mΩ/m (at 30 MHz)
Loop resistance
≤ 159.80 Ω/km
120 Ω ±20 % (at 64 kHz)
Wave impedance
100 Ω ±15 % (with 1 MHz)
Cable capacity
≤ 60 nF/km (At 800 Hz)
Nominal voltage, cable
250 V (Peak value, not for high-power applications)
Test voltage Core/Core
1500 Vrms
Test voltage Core/Shield
1000 Vrms
Minimum bending radius, fixed installation
7.5 x D
Minimum bending radius, flexible installation
15 x D
Max. bending cycles
5000000
≥ 61 dB (at 772 kHz)
≥ 59 dB (with 1 MHz)
≥ 55 dB (at 2 МHz)
≥ 50 dB (at 4 МHz)
≥ 46 dB (at 8 МHz)
≥ 44 dB (at 10 MHz)
≥ 41 dB (at 16 MHz)
Near end crosstalk attenuation (NEXT)
≥ 40 dB (at 20 МHz)
≤ 15 dB/km (at 256 kHz)
≤ 24 dB/km (at 772 kHz)
≤ 27 dB/km (with 1 MHz)
≤ 52 dB/km (at 4 МHz)
≤ 84 dB/km (at 10 MHz)
≤ 112 dB/km (at 16 MHz)
Shield attenuation
≤ 119 dB/km (at 20 МHz)
according to VDE 0472, Part 4, test type B
Flame resistance
according to IEC 60332-1
-40 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-30 °C ... 70 °C (Cable, flexible installation)
Environmental and real-life conditions
Ambient conditions
IP65
Degree of protection
IP67
Ambient temperature (operation)
-25 °C ... 90 °C (Plug / socket)
SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
1538021
https://www.phoenixcontact.com/us/products/1538021
Jul 11, 2023, 4:33 AM
Page 4 (18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com