Electronic Components Datasheet Search
  English  ▼

X  

1538021 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1538021
Description  SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1538021 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1538021 Datasheet HTML 1Page - PHOENIX CONTACT 1538021 Datasheet HTML 2Page - PHOENIX CONTACT 1538021 Datasheet HTML 3Page - PHOENIX CONTACT 1538021 Datasheet HTML 4Page - PHOENIX CONTACT 1538021 Datasheet HTML 5Page - PHOENIX CONTACT 1538021 Datasheet HTML 6Page - PHOENIX CONTACT 1538021 Datasheet HTML 7Page - PHOENIX CONTACT 1538021 Datasheet HTML 8Page - PHOENIX CONTACT 1538021 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Bus system cable, INTERBUS (16 Mbps), 5-position halogen-free, shielded, Plug straight M12,
coding: B, on Socket straight M12, coding: B, cable length: Free input (0.2 ... 40.0 m)
Commercial Data
Item number
1538021
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Sales Key
BF17
Product Key
BF1CKB
Catalog Page
Page 428 (C-2-2019)
Customs tariff number
85444290
Country of origin
PL
SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
1538021
https://www.phoenixcontact.com/us/products/1538021
Jul 11, 2023, 4:33 AM
Page 1 (18)


Similar Part No. - 1538021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1538005 PHOENIX-1538005 Datasheet
1Mb / 23P
SAC-5P-M12FSB/900/... - Bus system cable
1538018 PHOENIX-1538018 Datasheet
1Mb / 9P
SAC-5P-FSB SCO/900/... - Bus system cable
1538034 PHOENIX-1538034 Datasheet
1Mb / 10P
SAC-5P-MSB-FSB SCO/900/... - Bus system cable
1538047 PHOENIX-1538047 Datasheet
990Kb / 26P
SAC-2P-M12MSB/910/... - Bus system cable
1538050 PHOENIX-1538050 Datasheet
416Kb / 9P
SAC-2P-MSB SCO/910/... - Bus system cable
More results

Similar Description - 1538021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1507201 PHOENIX-1507201 Datasheet
175Kb / 12P
Bus system cable - SAC-5P-M12MSB/ 5,0-900/M12FSB
09/11/2020
1507065 PHOENIX-1507065 Datasheet
825Kb / 23P
SAC-5P-M12MSB/ 2,0-900 - Bus system cable
1507078 PHOENIX-1507078 Datasheet
825Kb / 23P
SAC-5P-M12MSB/ 5,0-900 - Bus system cable
1507175 PHOENIX-1507175 Datasheet
1Mb / 17P
SAC-5P-M12MSB/ 0,5-900/M12FSB - Bus system cable
1507188 PHOENIX-1507188 Datasheet
1Mb / 17P
SAC-5P-M12MSB/ 1,0-900/M12FSB - Bus system cable
1507191 PHOENIX-1507191 Datasheet
1Mb / 17P
SAC-5P-M12MSB/ 2,0-900/M12FSB - Bus system cable
1507214 PHOENIX-1507214 Datasheet
1Mb / 17P
SAC-5P-M12MSB/10,0-900/M12FSB - Bus system cable
1507227 PHOENIX-1507227 Datasheet
1Mb / 17P
SAC-5P-M12MSB/15,0-900/M12FSB - Bus system cable
1507162 PHOENIX-1507162 Datasheet
1Mb / 17P
SAC-5P-M12MSB/ 0,3-900/M12FSB - Bus system cable
1537983 PHOENIX-1537983 Datasheet
860Kb / 23P
SAC-5P-M12MSB/900/... - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com