Electronic Components Datasheet Search
  English  ▼

X  

1538021 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1538021
Description  SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1538021 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1538021 Datasheet HTML 9Page - PHOENIX CONTACT 1538021 Datasheet HTML 10Page - PHOENIX CONTACT 1538021 Datasheet HTML 11Page - PHOENIX CONTACT 1538021 Datasheet HTML 12Page - PHOENIX CONTACT 1538021 Datasheet HTML 13Page - PHOENIX CONTACT 1538021 Datasheet HTML 14Page - PHOENIX CONTACT 1538021 Datasheet HTML 15Page - PHOENIX CONTACT 1538021 Datasheet HTML 16Page - PHOENIX CONTACT 1538021 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SAC-5P-M12MSB/ 5,0-900/M12FSB - Bus system cable
1507201
https://www.phoenixcontact.com/us/products/1507201
Bus system cable, INTERBUS (16 Mbps), 5-position halogen-free, shielded, Plug
straight M12, coding: B, on Socket straight M12, coding: B, cable length: 5 m
SAC-5P-M12MSB/10,0-900/M12FSB - Bus system cable
1507214
https://www.phoenixcontact.com/us/products/1507214
Bus system cable, INTERBUS (16 Mbps), 5-position halogen-free, shielded, Plug
straight M12, coding: B, on Socket straight M12, coding: B, cable length: 10 m
SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
1538021
https://www.phoenixcontact.com/us/products/1538021
Jul 11, 2023, 4:33 AM
Page 13 (18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com