Electronic Components Datasheet Search
  English  ▼

X  

1538021 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1538021
Description  SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1538021 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1538021 Datasheet HTML 1Page - PHOENIX CONTACT 1538021 Datasheet HTML 2Page - PHOENIX CONTACT 1538021 Datasheet HTML 3Page - PHOENIX CONTACT 1538021 Datasheet HTML 4Page - PHOENIX CONTACT 1538021 Datasheet HTML 5Page - PHOENIX CONTACT 1538021 Datasheet HTML 6Page - PHOENIX CONTACT 1538021 Datasheet HTML 7Page - PHOENIX CONTACT 1538021 Datasheet HTML 8Page - PHOENIX CONTACT 1538021 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Data
Notes
General
Further products with fixed cable length can be found in the
accessories section
Product properties
Product type
Data cable preassembled
Sensor type
INTERBUS
Number of positions
5
Application
Standard
No. of cable outlets
1
Shielded
yes
Coding
B
Insulation characteristics
Overvoltage category
II
Degree of pollution
3
Interfaces
Bus system
INTERBUS
Signal type/category
INTERBUS, 16 Mbps
Signaling
Status display
No
Status display present
No
Electrical properties
Contact resistance
≤ 5 mΩ
Insulation resistance
≥ 100 MΩ
48 V AC
Nominal voltage UN
60 V DC
Nominal current IN
4 A
Transmission medium
Copper
Material specifications
Flammability rating according to UL 94
V0
Seal material
NBR
Material of grip body
TPU, hardly inflammable, self-extinguishing
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
PA 6.6
Material for screw connection
Zinc die-cast, nickel-plated
Connection data
SAC-5P-M12MSB-M12FSB/900/... - Bus system cable
1538021
https://www.phoenixcontact.com/us/products/1538021
Jul 11, 2023, 4:33 AM
Page 2 (18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com