Electronic Components Datasheet Search
  English  ▼

X  

TO353 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TO353
Description  2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TO353 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TO353 Datasheet HTML 3Page - ATMEL Corporation TO353 Datasheet HTML 4Page - ATMEL Corporation TO353 Datasheet HTML 5Page - ATMEL Corporation TO353 Datasheet HTML 6Page - ATMEL Corporation TO353 Datasheet HTML 7Page - ATMEL Corporation TO353 Datasheet HTML 8Page - ATMEL Corporation TO353 Datasheet HTML 9Page - ATMEL Corporation TO353 Datasheet HTML 10Page - ATMEL Corporation TO353 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
T0353
4559AS–CDMA–10/02
Typical Electrical Characteristics LNA and Mixer Separately (Cellular Band)
Test conditions: Unless otherwise noted, the following conditions apply to typical performance specification under static
conditions: VCC = +2.75 V, TA = 25°C, RF = 881.5 MHz, LO = 2130.82 MHz, IF = 183.6 MHz, LO input = -5.0 dBm, RF input
= -25 dBm (High-gain mode).
No.
Parameters
Test Conditions
Gain (dB)
NF (dB)
IIP3 (dBm)
Type*
Cell Band, High-Gain High-Linearity Mode (HGHL); CDMA Modulation
Cell LNA
Band_SEL = High; Gain = High;
LIN = High
16
1.5
11.5
Cell mixer
12
7.0
11.5
Cell Band, High-Gain Low-Linearity Mode (HGLL); CDMA Modulation
Cell LNA
Band_SEL = High; Gain = High;
LIN = Low
15
1.6
8.5
Cell mixer
11.5
6.8
7.5
Cell Band, Low-Gain Mode (LG); CDMA Modulation
Cell LNA
Band_SEL = High; Gain = Low;
LIN = High
-2.2
4.0
24.0
Cell mixer
12
7.0
11.5
Cell Band, AMPS Modulation
Cell LNA
Band_SEL = High; Gain = Low;
LIN = Low
15
1.6
8.5
Cell mixer
10
9.0
4
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Typical Electrical Characteristics LNA and Mixer Separately (PCS Band)
Test conditions: Unless otherwise noted, the following conditions apply to typical performance specification under static
conditions: V
CC = +2.75 V, TA = 25°C, RF = 1960 MHz, LO = 2143.6 MHz, IF = 183.6 MHz, LO input = -5.0 dBm, RF input
= -25 dBm (High-gain mode).
No.
Parameters
Test Conditions
Gain (dB)
NF (dB)
IIP3 (dBm)
Type*
PCS Band, High-Gain High-Linearity Mode (HGHL); CDMA Modulation
PCS LNA
Band_SEL = Low; Gain = High;
LIN = High
15
1.6
9.0
PCS mixer
13
6.7
10.5
PCS Band, High-Gain Low-Linearity Mode (HGLL); CDMA Modulation
PCS LNA
Band_SEL = Low; Gain = High;
LIN = Low
15
1.6
6.5
PCS mixer
13
6.0
5.5
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design paramete



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com