Electronic Components Datasheet Search
  English  ▼

X  

TO353 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TO353
Description  2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TO353 Datasheet(HTML) 2 Page - ATMEL Corporation

  TO353 Datasheet HTML 1Page - ATMEL Corporation TO353 Datasheet HTML 2Page - ATMEL Corporation TO353 Datasheet HTML 3Page - ATMEL Corporation TO353 Datasheet HTML 4Page - ATMEL Corporation TO353 Datasheet HTML 5Page - ATMEL Corporation TO353 Datasheet HTML 6Page - ATMEL Corporation TO353 Datasheet HTML 7Page - ATMEL Corporation TO353 Datasheet HTML 8Page - ATMEL Corporation TO353 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
T0353
4559AS–CDMA–10/02
Figure 1. Block Diagram
P_CLO_IN
CDMA_Out+
GLO_IN
BUFFEN
Gain
Band_SEL
L_IN
PLNA_IN
CLNA_IN
AMPS IF+
Cell LO Out
PCS LO Out
Vcc LNA
PLNA_GND
3
7
65
26
2
1
31
9
27
25
4
29
30
24
23
21
20
12
14
11
15
AMPS IF-
Iset_PCS
32
/2
13
GPS_LNA_IN
8
10
16
22
19
18
GPS_MIX_Out+
GPS_MIX_Out-
CDMA_Out-
Vcc_Dig
Vcc LO TX
17
LO/2
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com