Electronic Components Datasheet Search
  English  ▼

X  

TO353 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TO353
Description  2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TO353 Datasheet(HTML) 1 Page - ATMEL Corporation

  TO353 Datasheet HTML 1Page - ATMEL Corporation TO353 Datasheet HTML 2Page - ATMEL Corporation TO353 Datasheet HTML 3Page - ATMEL Corporation TO353 Datasheet HTML 4Page - ATMEL Corporation TO353 Datasheet HTML 5Page - ATMEL Corporation TO353 Datasheet HTML 6Page - ATMEL Corporation TO353 Datasheet HTML 7Page - ATMEL Corporation TO353 Datasheet HTML 8Page - ATMEL Corporation TO353 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Features
• AMPS/Cell Band and PCS Band CDMA/GPS Operation
• Low-current Consumption
• Excellent Noise and IP3 Performance
• Adjustable Third Order intercept on LNA Stage
• Flexible IF Frequency Range from 80 MHz to 230 MHz
• Divide by 2 Prescaler
Benefits
• Very Small 32-pin 5 mm x 5 mm Package
• Few External Components
• Fully ESD Protected
Applications
• Quad-mode/Tri-band CDMA IS-95/98-based Mobile Phones with GPS Support
Electrostatic sensitive device.
Observe precautions for handling.
Description
The T0353 is a CDMA front-end receiver RFIC designed for Tri-band, quad-mode
operation. The device supports AMPS, Cell CDMA, PCS CDMA, and A-GPS opera-
tion. The IF range is from 80 MHz to 230 MHz with external tuning. The low-noise
amplifiers have an adjustable third order intercept point (IP3) to minimize inter-modu-
lation and cross-modulation effects. The mixers are designed for differential IF outputs
(single-ended or differential IF outputs for AMPS and GPS modes), and they feature
excellent linearity and low-noise figure.
The T0353 also integrates a divide-by-2 frequency divider to allow the use of only one
VCO module for both CDMA bands. However, it also has the option of connecting the
LO directly to the cellular mixer LO input. This device is available in a 5 mm x 5 mm
MLF package with 32 pins. The T0353 front-end receiver is capable of meeting all
electrical requirements in accordance with the TIA/EIA 98-C wireless communication
standard.
2.8 V Tri-band/
Quad-mode RF
Receiver for
CDMA/AMPS/
GPS
T0353
Preliminary
(Summary)
Rev. 4559AS–CDMA–10/02


Similar Part No. - TO353

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
TO3A4-H850-180 ROITHNER-TO3A4-H850-180 Datasheet
106Kb / 1P
HIGH POWER LED
TO3A4-H880-180 ROITHNER-TO3A4-H880-180 Datasheet
106Kb / 1P
HIGH POWER LED
TO3A4-H940-180 ROITHNER-TO3A4-H940-180 Datasheet
106Kb / 1P
HIGH POWER LED
TO3A4-HB-180 ROITHNER-TO3A4-HB-180 Datasheet
106Kb / 1P
HIGH POWER LED
TO3A4-HG-180 ROITHNER-TO3A4-HG-180 Datasheet
106Kb / 1P
HIGH POWER LED
More results

Similar Description - TO353

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SATURN MITEL-SATURN Datasheet
114Kb / 9P
CDMA/AMPS dual Band IF Receiver for Digital Phones
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
CDMA/AMPS Dual Band RF Receiver
logo
RF Micro Devices
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
logo
Skyworks Solutions Inc.
SKY74076 SKYWORKS-SKY74076 Datasheet
57Kb / 2P
Receiver for Dual-Band CDMA and GPS Mobile Handset Applications
SKY74693 SKYWORKS-SKY74693 Datasheet
58Kb / 2P
Receiver for CDMA, AMPS, PCS, and GPS Mobile Handset Applications
logo
Zarlink Semiconductor I...
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
CDMA/AMPS Dual Band and RF Receiver
logo
RF Micro Devices
RF2498 RFMD-RF2498_07 Datasheet
682Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
logo
Zarlink Semiconductor I...
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
RF Micro Devices
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
logo
TriQuint Semiconductor
TQM7M9053 TRIQUINT-TQM7M9053_15 Datasheet
213Kb / 1P
Quad band GSM-EDGE and Tri-Band W/CDMA/HSPA/LTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com