Electronic Components Datasheet Search
  English  ▼

X  

TO353 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TO353
Description  2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TO353 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TO353 Datasheet HTML 2Page - ATMEL Corporation TO353 Datasheet HTML 3Page - ATMEL Corporation TO353 Datasheet HTML 4Page - ATMEL Corporation TO353 Datasheet HTML 5Page - ATMEL Corporation TO353 Datasheet HTML 6Page - ATMEL Corporation TO353 Datasheet HTML 7Page - ATMEL Corporation TO353 Datasheet HTML 8Page - ATMEL Corporation TO353 Datasheet HTML 9Page - ATMEL Corporation TO353 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
T0353
4559AS–CDMA–10/02
AC Electrical Characteristics
Test conditions: Unless otherwise noted, the following conditions apply to typical performance specification under static
conditions: VCC = +2.75 V, TA = 25°C, all RF inputs and outputs with a return loss of 10 dB minimum
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
General Performance
Operating frequency
range
Cellular band
869
881.5
894
MHz
PCS band
1930
1960
1990
MHz
A-GPS Band
1575.42
MHz
LO frequency range
Cellular band
(LO/2 is Low):
IF = 184 MHz
685
710
MHz
1053
1078
MHz
Cellular band
(LO/2 is High):
IF = 184 MHz
1370
1420
MHz
2106
2156
MHz
PCS band:
IF = 184 MHz
1746
1806
MHz
2114
2174
MHz
GPS band:
IF = 183.6 MHz
1759.02
MHz
1391.82
MHz
IF frequency range
Cellular, PCS and
GPS bands
80
183.6
230
MHz
LO input power level
Cellular, PCS and
GPS bands
-10
-5
0
dBm
LO Tx buffer output
power level
Cellularband, not
matched at
dedicated
frequency
-8
-5.5
dBm
-8
-3
dBm
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com