Electronic Components Datasheet Search
  English  ▼

X  

TO353 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # TO353
Description  2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TO353 Datasheet(HTML) 3 Page - ATMEL Corporation

  TO353 Datasheet HTML 1Page - ATMEL Corporation TO353 Datasheet HTML 2Page - ATMEL Corporation TO353 Datasheet HTML 3Page - ATMEL Corporation TO353 Datasheet HTML 4Page - ATMEL Corporation TO353 Datasheet HTML 5Page - ATMEL Corporation TO353 Datasheet HTML 6Page - ATMEL Corporation TO353 Datasheet HTML 7Page - ATMEL Corporation TO353 Datasheet HTML 8Page - ATMEL Corporation TO353 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
T0353
4559AS–CDMA–10/02
Pin Configuration
Figure 2. Pinning
PLNA_GND
PLNA_IN
VCC_LNA
Gain
CLNA_OUT
CLNA_GND
CLNA_IN
GPS_LNA_IN
CDMA_OUT+
CDMA_OUT-
VCC_MIX
AMPS_OUT+
AMPS_OUT-
GPSMix_OUT+
GPSMix_OUT-
VCC_LO_TX
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Pin Description
Pin
Symbol
Function
1PLNA_GND
PCS LNA emitter-ground. The LNA emitter ground should be grounded immediately to the ground-
plane to reduce stray inductance and capacitance that may affect performance.
2PLNA_IN
PCS LNA input. Requires a DC blocking capacitor and an L-C (shunt C/series L) matching network
for optimum gain, intercept and noise performance.
3
Vcc_LNA
Power supply pin for PCS and Cell LNAs. Bypass with a capacitor as close to the pin as possible.
4
Gain
Gain select logic input for cellular band. Logic high selects High Gain.
5CLNA_OUT
Cell LNA output. Requires a pull-up inductor to VCC and a series DC blocking capacitor, which can
be used as part of the output matching network.
6CLNA_GND
Cell LNA emitter-ground. The LNA emitter ground should be grounded immediately to the ground-
plane to reduce stray inductance and capacitance that may affect performance.
7CLNA_IN
Cell LNA input. Requires a DC blocking capacitor and an L-C (shunt C/series L) matching network
for optimum gain, intercept and noise performance.
8
GPS_LNA_IN
GPS LNA input. Requires a DC blocking capacitor and an L-C (shunt C/series L) matching network
for optimum gain, intercept and noise performance.
9Iset_CELL
Bias resistor for Cell LNA. For typical bias use a 390
W resistor to ground which sets the bias
current for HGHL mode.
10
GPS_LNA_OUT
GPS LNA output.
11
P_CLO_IN
PCS and Cell band LO input.
12
GLO_IN
GPS LO input.
13
LO / 2
LO divider-select input. Low disables divider. High selects divider in cellular and AMPS modes.
14
PLO_OUT
PCS LO buffer output. Internally matched to 100
W. Does not require a blocking capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com