Electronic Components Datasheet Search
  English  ▼

X  

UPC1862GS Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPC1862GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1862GS Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPC1862GS Datasheet HTML 25Page - Renesas Technology Corp UPC1862GS Datasheet HTML 26Page - Renesas Technology Corp UPC1862GS Datasheet HTML 27Page - Renesas Technology Corp UPC1862GS Datasheet HTML 28Page - Renesas Technology Corp UPC1862GS Datasheet HTML 29Page - Renesas Technology Corp UPC1862GS Datasheet HTML 30Page - Renesas Technology Corp UPC1862GS Datasheet HTML 31Page - Renesas Technology Corp UPC1862GS Datasheet HTML 32Page - Renesas Technology Corp UPC1862GS Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
APPLICATION CIRCUIT
5 V
1 k
Ω
2SA1175
or
equivalent
39 k
Ω
10 F
+
75
Ω
11
k
Ω
Comp
video IN
4.7 F
100 k
Ω
++
Comp
sync OUT
100
k
Ω
4.7
F
220
Ω
100 k
Ω
220
Ω
1000
pF
0.01
F
H DET
OUT
1.5 k
Ω
1500
pF
2.7
k
Ω
2.2 k
Ω 270 Ω X1 4.7 F
+
0.015 F
5 V
X1:CSB503F2(Murata)
Burst gate input
‘H’: In the period of burst
‘M’: Out the period of burst
‘L’: Internal
HD
Clamp output
Field ID output
VD
NTSC/PAL
H DET
32fH VCO
AFC
H count down
LPF
ACC DET
f
2
Phase shift
ACC AMP
Color
killer
DET
APC
nfSC VCO
BPF
47 pF
68 pF
15 H
680
Ω
0.01 F
10 k
Ω
5 V
0.01 F
680
Ω
10 k
Ω
2SC2785
or
equivalent
fSC OUT
5 V
Tint
cont.
0.1
F
CGND
0.47
F
0.01
F
5 V
++
+
1
M
Ω
0.1
F
4.7
k
Ω
4.7
F
Chroma
OUT
0.022 F
510
Ω
68 pF
100
Ω
C2
C1
X2
X2:HC-49/U(KINSEKI)
5 V
VCO OUT
External subcarrier input
Divider ratio select input
C1
C2
4 fSC
18 pF
22 pF
8 fSC
No connect
10 pF
‘H’
‘M’
‘L’
123
4
5
6
7
8
9
10111213
161718
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
220 pF
SGND
SVCC
8.2
k
Ω
12 pF
18 pF
NTSC
(N/P =‘L’)
PAL
(N/P =‘H’)
–
–
X2
C1
C2
15
Cannot correspond 8fSC of PAL.
H
sync
SEP
V
sync
SEP
V count down
…1/8
…EXT
…1/4
f
4
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
2.2 k
Ω
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com