Electronic Components Datasheet Search
  English  ▼

X  

UPC1862GS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPC1862GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1862GS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPC1862GS Datasheet HTML 19Page - Renesas Technology Corp UPC1862GS Datasheet HTML 20Page - Renesas Technology Corp UPC1862GS Datasheet HTML 21Page - Renesas Technology Corp UPC1862GS Datasheet HTML 22Page - Renesas Technology Corp UPC1862GS Datasheet HTML 23Page - Renesas Technology Corp UPC1862GS Datasheet HTML 24Page - Renesas Technology Corp UPC1862GS Datasheet HTML 25Page - Renesas Technology Corp UPC1862GS Datasheet HTML 26Page - Renesas Technology Corp UPC1862GS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
21
µPC1862
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Field ident. output
EFIOH1
High level of synchronized Field ident. output
2.7
3.8
-
V
High level (1)
when only 0.3 Vp-p sync signal is input to pin 36
IOH = –400
µA
Field ident. output
EFIOH2
High level of synchronized Field ident. output
3.5
4.3
-
V
High level (2)
when only 0.3 Vp-p sync signal is input to pin 36
IOH = –20
µA
Field idnet. output
EFIOL
High level of synchronized Field ident. output
-
0.1
0.4
V
Low level
when only 0.3 Vp-p sync signal is input to pin 36
IOL = +2 mA
H detection output
EFIOH1
High level of asynchronized H detect output
2.7
3.8
-
V
High level (1)
without H sync input
IOH = –400
µA
H detection output
EFIOH2
High level of asynchronized H detect output
3.5
4.3
-
V
High level (2)
without H sync input
IOH = –20
µA
H detection output
EFIOL
High level of synchronized H detect output
-
0.1
0.4
V
Low level
when only 0.3 Vp-p sync signal is input to pin 36
IOL= +2 mA
H sync lock-in range
fHP
Frequency range that can be pulled when only
±400
±500
-
Hz
0.3 Vp-p sync signal is input to pin 36 and H
sync frequency is varied (fSC conversion)
Horizontal VCO control
βH
Rate of variation of frequency when APC filter
–1.6
–1.3
–0.9
Hz/mV
sensitivity
pin is changed form 3.0 V to 3.4 V without H
sync input (fSC conversion)
Horizontal VCO free-run
fHO
Frequency difference of HD output from fH
–100
–25
+50
Hz
frequency
when H sync input is not applied
Pulse width of HD output
PWNHSO
Pulse width of synchronized HD output when
3.8
4.0
4.2
µs
only 0.3 Vp-p sync signal is input to pin 36
Pulse width of VD output
PWVSO1
Pulse width of synchronized VD
ODD
-
6.0
-
HNote
PWVSO2
output when only 0.3 Vp-p sync
EVEN
-
5.5
-
HNote
signal is input to pin 36
Pulse width of Clamp output
PWCPO
Pulse width of synchronized Clamp output when
3.4
3.6
3.8
µs
only 0.3 Vp-p sync signal is input to pin 36
Oscillation start voltage of
VST
Output voltage at HD when VCC is gradually
-
-
4.2
V
horizontal VCO
increased from 0 V without H sync input
H killer output Low level
EHKOL
Low level of synchronized H killer output when
-
-
0.4
V
only 0.3 Vp-p sync signal is input to pin 36
Change value of Chroma output
Burst gate input
VBGPE1
Burst gate pulse input voltage when Clamp
1.6
1.9
2.0
V
Threshold level 1
voltage begins Low level is gradually increased
from 0 V without signal input
Note
H: Horizontal scanning period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com