Electronic Components Datasheet Search
  English  ▼

X  

UPC1862GS Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # UPC1862GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1862GS Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button UPC1862GS Datasheet HTML 23Page - Renesas Technology Corp UPC1862GS Datasheet HTML 24Page - Renesas Technology Corp UPC1862GS Datasheet HTML 25Page - Renesas Technology Corp UPC1862GS Datasheet HTML 26Page - Renesas Technology Corp UPC1862GS Datasheet HTML 27Page - Renesas Technology Corp UPC1862GS Datasheet HTML 28Page - Renesas Technology Corp UPC1862GS Datasheet HTML 29Page - Renesas Technology Corp UPC1862GS Datasheet HTML 30Page - Renesas Technology Corp UPC1862GS Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
25
µPC1862
CAUTION AT DESIGNING
Resonators
NEC evaluates
µPC1862 using resonators which are shown below in design and development process.
If the different product is used as a resonator, electrical specification value described in this document is not assured.
And when connecting resonator to external circuit, there is need to consider temperature specification, voltage
fluctuation and product variation. In this case, normal operation is not assured in the application circuit including the
different product.
Use the resonators which are shown below when you design circuit.
32 fH VCO resonator X1
: in application example circuit
X1
(PAL)
: CSB500F2 (MURATA)
(NTSC) : CSB503F2 (MURATA)
nfSC VCO resonator X2
X2
: HC-49/U (KINSEKI,
µPC1860 adoption)
Reference data of 4fSC, 8fSC VCO resonator (KINSEKI)
Item
NTSC for 4fSC
NTSC for 8fSC
PAL for 4fSC
Name
HC-49/U
Frequency
14.31818 MHz
28.63636 MHz
17.34475 MHz
Overtone Order
Fundamental (AT cut)
Fundamental (BT cut)
Fundamental (AT cut)
Operating Temperature
–10 to +70
°C
Frequency Permitted
±30 × 10–6
±50 × 10–6
±30 × 10–6
Tolerance (25
±5°C)
Frequency Temperature
±30 × 10–6
±100 × 10–6
±30 × 10–6
Specification (to 25
°C)
Equivalent Serial Resistance
50
Ω or less
Parallel Capacitance
7.0 pF or less
3rd harmonic standard
3rd harmonic frequency is over
–
3rd harmonic frequency is over
3fO (42.95454 MHz) + 7.5 kHz
3fO (53.203425 MHz) + 7.5 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com