Electronic Components Datasheet Search
  English  ▼

X  

UPC1862GS Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPC1862GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1862GS Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPC1862GS Datasheet HTML 16Page - Renesas Technology Corp UPC1862GS Datasheet HTML 17Page - Renesas Technology Corp UPC1862GS Datasheet HTML 18Page - Renesas Technology Corp UPC1862GS Datasheet HTML 19Page - Renesas Technology Corp UPC1862GS Datasheet HTML 20Page - Renesas Technology Corp UPC1862GS Datasheet HTML 21Page - Renesas Technology Corp UPC1862GS Datasheet HTML 22Page - Renesas Technology Corp UPC1862GS Datasheet HTML 23Page - Renesas Technology Corp UPC1862GS Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
18
µPC1862
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
7V
Input signal voltage (Chroma signal)
ei4
3Vp-p
Input signal voltage (H sync separation)
ei36
3Vp-p
Input signal voltage (V sync separation)
ei34
3Vp-p
Input signal voltage (EXT)
ei18
VCC
Vp-p
Tint control signal voltage
ec3
VCC
V
Output current
IO
–7
mA
Permissible package power dissipation
PD
570 (TA = 75
°C)
mW
(when mounted on PCB)
Operating ambient temperature
TA
–10 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Caution
Expose to Absolute Maximum Rating for extended periods may affect device reliability; exceeding the
ratings
could
cause
permanent
damage.
The
parameters
apply
independently.
The device should be operated within the limits specified under DC and AC Characteristics.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
Input signal voltage (Chroma signal)
ei4
150
mVp-p
Input signal voltage (H sync separation)
ei36
1.0
Vp-p
Input signal voltage (V sync separation)
ei34
1.0
Vp-p
Input signal voltage (EXT IN HIGH voltage)
eiH18
2.0
V
Input signal voltage (EXT IN LOW voltage)
eiL18
0.8
V
Divider selector voltage 1 (1/8)
V17 (8)
4.8
V
Divider selector voltage 2 (1/4)
V17 (4)
0.2
V
Tint control voltage
V3
2.5
V
NTSC/PAL select voltage (PAL)
V19P
4.5
V
NTSC/PAL select voltage (NTSC)
V19N
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com