Electronic Components Datasheet Search
  English  ▼

X  

UPC1862GS Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPC1862GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1862GS Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPC1862GS Datasheet HTML 18Page - Renesas Technology Corp UPC1862GS Datasheet HTML 19Page - Renesas Technology Corp UPC1862GS Datasheet HTML 20Page - Renesas Technology Corp UPC1862GS Datasheet HTML 21Page - Renesas Technology Corp UPC1862GS Datasheet HTML 22Page - Renesas Technology Corp UPC1862GS Datasheet HTML 23Page - Renesas Technology Corp UPC1862GS Datasheet HTML 24Page - Renesas Technology Corp UPC1862GS Datasheet HTML 25Page - Renesas Technology Corp UPC1862GS Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
20
µPC1862
Sync section
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply current
ICC (1)
VCC (1) = 5 V
12
15
18
mA
of Sync section
No current on pin 25
DC level of H sync
VSSI
Voltage of pin 36 when connected to GND via
1.9
2.2
2.5
V
separation input
10 k
Ω resistor
DC level of V sync
VVSSI
Voltage of pin 34 when connected to GND via
1.9
2.2
2.5
V
separation input
10 k
Ω resistor
Sync separation output
ECSOH1
High level of sync separation output when only
2.7
3.8
-
V
High level (1)
0.3 Vp-p sync signal is input to pin 36
IOH = –400
µA
Sync separation output
ECSOH2
High level of sync separation output when only
3.5
4.3
-
V
High level (2)
0.3 Vp-p sync signal is input to pin 36
IOH = –20
µA
Sync separation output
ECSOL
Low level of sync separation output when only
-
0.1
0.4
V
Low level
0.3 Vp-p sync signal is input to pin 36
IOL = +2 mA
HD output
ENHSOH1
High level of synchronized HD output when
2.7
3.8
-
V
High level (1)
only 0.3 Vp-p sync signal is input to pin 36
IOH = –400
µA
HD output
ENHSOH2
High level of synchronized HD output when
3.5
4.3
-
V
High level (2)
only 0.3 Vp-p sync signal is input to pin 36
IOH = –20
µA
HD output
ENHSOL
High level of synchronized HD output when
-
0.1
0.4
V
Low level
only 0.3 Vp-p sync signal is input to pin 36
IOL = +2 mA
VD output
EVSOH1
High level of synchronized VD output when
2.7
3.8
-
V
High level (1)
only 0.3 Vp-p sync signal is input to pin 36
IOH = –400
µA
VD output
EVSOH2
High level of synchronized VD output when
3.5
4.3
-
V
High level (2)
only 0.3 Vp-p sync signal is input to pin 36
IOH = –20
µA
VD output
EVSOL
High level of synchronized VD output when
-
0.1
0.4
V
Low level
only 0.3 Vp-p sync signal is input to pin 36
IOL = +2 mA
Clamp output
ECPOH1
High level of synchronized Clamp output when
2.7
3.8
-
V
High level (1)
only 0.3 Vp-p sync signal is input to pin 36
IOH = –400
µA
Clamp output
ECPOH2
High level of synchronized Clamp output when
3.5
4.3
-
V
High level (2)
only 0.3 Vp-p sync signal is input to pin 36
IOH = –20
µA
Clamp output
ECPOL
High level of synchronized Clamp output when
-
0.1
0.4
V
Low level
only 0.3 Vp-p sync signal is input to pin 36
IOL= +2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com