Electronic Components Datasheet Search
  English  ▼

X  

UPC494C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC494C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494C Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC494C Datasheet HTML 1Page - Renesas Technology Corp UPC494C Datasheet HTML 2Page - Renesas Technology Corp UPC494C Datasheet HTML 3Page - Renesas Technology Corp UPC494C Datasheet HTML 4Page - Renesas Technology Corp UPC494C Datasheet HTML 5Page - Renesas Technology Corp UPC494C Datasheet HTML 6Page - Renesas Technology Corp UPC494C Datasheet HTML 7Page - Renesas Technology Corp UPC494C Datasheet HTML 8Page - Renesas Technology Corp UPC494C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
μPC494
SWITCHING REGULATOR CONTROL CIRCUIT
DATA SHEET
Document No. G12649EJ5V0DS00 (5th edition)
Date Published August 2008 NS
Printed in Japan
1988, 2000, 2008
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The
μ PC494 is a PWM type switching regulator control circuit.
Included in this device are a 5 V voltage reference, dual error amplifiers, a variable frequency sawtooth-wave
generating oscillator, a comparator for dead-time control, a flip flop, dual alternating output switches, and a buffer to
output source and sink currents.
Error amplifiers have wide common mode input voltage capability, and circuits for voltage feedback and over current
protection are easy to configure. The
μ PC494 can be applied to all types of switching regulators, including chopper
type regulators.
FEATURES
• 250 mA output buffer to output sink and source currents
• Switchable operation mode between a single-end mode and a push-pull mode
• No double pulsing during transient condition
• Adjustable dead-time (0 to 100%)
• Internal 5 V output voltage reference circuit
• Error amplifiers with phase-compensating function
• Providing master-slave operation (synchronizing multiple ICs)
• With malfunction prevention circuit for low level supply voltage
• Package variations available for different applications
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com