Electronic Components Datasheet Search
  English  ▼

X  

UPC494C Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC494C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494C Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC494C Datasheet HTML 6Page - Renesas Technology Corp UPC494C Datasheet HTML 7Page - Renesas Technology Corp UPC494C Datasheet HTML 8Page - Renesas Technology Corp UPC494C Datasheet HTML 9Page - Renesas Technology Corp UPC494C Datasheet HTML 10Page - Renesas Technology Corp UPC494C Datasheet HTML 11Page - Renesas Technology Corp UPC494C Datasheet HTML 12Page - Renesas Technology Corp UPC494C Datasheet HTML 13Page - Renesas Technology Corp UPC494C Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet G12649EJ5V0DS00
8
μPC494
TYPICAL PERFORMANCE CHARACTERISTICS
(Unless otherwise specified, TA = 25°C, VCC = 15 V, Reference)
1.2
1.0
0.8
0.6
0.4
0.2
0
25
50
75
TA - Operating Ambient Temperature -
°C
REFERENCE VOLTAGE vs.
SUPPLY VOLTAGE
VCC - Supply Voltage - V
FREQUENCY vs. RT AND CT
RT - Timing Resistance - k
Ω
5
2
500
200
100
50
20
10
5
10
15
20
25
30
35
40
100
125
6
5
4
3
2
1
0
40
20
0
–20
–40
–60
4
2
0
–2
–4
–6
4
–25
0
25
50
75
100
567
VCC - Supply Voltage - V
FREQUENCY vs.
OPERATING AMBIENT TEMPERATURE
–25
0
25
50
75
100
MISS-OPERATION PREVENTION
CIRCUIT CHARACTERISTICS
μPC494GS,
494GS-A
Note
160
°C/W
192
°C/W
Thermal Resistance
Rth(J-A)125
°C/W
Note With 5 cm x 5 cm x 1.6 mmt
glass-epoxy substrate
MAXIMUM POWER DISSIPATION
Test Circuit
5 V
430
Ω
VCE
8
9
6
5
4
3
2
1
0
500
200
100
50
20
10
5
2
1
VCC = 15 V
IREF = 1 mA
VCC = 15 V
RT = 12 k
Ω
CT = 0.01
μF
VCC = 15 V
C
T
=
470
pF
1000
pF
0.01
μF
0.047
μF
REFERENCE VOLTAGE vs.
OPERATING AMBIENT TEMPERATURE
TA - Operating Ambient Temperature -
°C
TA - Operating Ambient Temperature -
°C
μPC494GT-A Note
μPC494C
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com