Electronic Components Datasheet Search
  English  ▼

X  

UPC494C Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPC494C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494C Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPC494C Datasheet HTML 10Page - Renesas Technology Corp UPC494C Datasheet HTML 11Page - Renesas Technology Corp UPC494C Datasheet HTML 12Page - Renesas Technology Corp UPC494C Datasheet HTML 13Page - Renesas Technology Corp UPC494C Datasheet HTML 14Page - Renesas Technology Corp UPC494C Datasheet HTML 15Page - Renesas Technology Corp UPC494C Datasheet HTML 16Page - Renesas Technology Corp UPC494C Datasheet HTML 17Page - Renesas Technology Corp UPC494C Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet G12649EJ5V0DS00
12
μPC494
TYPICAL EXAMPLE OF APPLICATION CIRCUITS
1) Forward Type
+
–
VOUT
To EA II
(Over Current
Protection )
GND
+VCC
+12 V
VCC
(12)
(8)
(9)
(13)
(14)
(7)
Output
Control
Ref Out GND
E1
C1
To EA I
(Vosense)
+
2) Push-pull Type
VOUT
+
VCC
C2
E2
E1
C1
GND
Output
Control
Ref Out
VOUT
–
GND
GND
VCC
Output
Control
Ref Out
C1
E2
C2
E1
(Isolated)
+VCC
GND
+12 V
To EA II
(12)
(11)
(9)
(8)
To EA I
(10)
(7)
(13)
(14)
–
+
(Non Isolated)
+VCC
To EA II
To EA I
+
+
(40 V MAX.)
(11)
(9)
(8)
(10)
(7)
(13)
(14)
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com