Electronic Components Datasheet Search
  English  ▼

X  

UPC494C Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPC494C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494C Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPC494C Datasheet HTML 13Page - Renesas Technology Corp UPC494C Datasheet HTML 14Page - Renesas Technology Corp UPC494C Datasheet HTML 15Page - Renesas Technology Corp UPC494C Datasheet HTML 16Page - Renesas Technology Corp UPC494C Datasheet HTML 17Page - Renesas Technology Corp UPC494C Datasheet HTML 18Page - Renesas Technology Corp UPC494C Datasheet HTML 19Page - Renesas Technology Corp UPC494C Datasheet HTML 20Page - Renesas Technology Corp UPC494C Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Data Sheet G12649EJ5V0DS00
18
μPC494
μ PC494GT-A
Note1: 16-pin plastic SOP (9.53 mm (375))
Process
Conditions
Symbol
Infrared Ray Reflow
Maximum temperature (package’s surface temperature): 260
°C or below,
Time at maximum temperature: 10 seconds or less,
Time at temperature higher than 220
°C: 60 seconds or less,
Preheating time at 160 to 180
°C: 60 to 120 seconds, Times: 3 times,
Exposure limit: 7 days
Note2
(after that, prebake at 125
°C for 20 hours),
Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
IR60-207-3
Wave Soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Preheating temperature: 120
°C MAX. (Package surface temperature),
Exposure limit: 7 days
Note2
(after that, prebake at 125
°C for 20 hours).
WS60-207-1
Partial Heating Method
Pin temperature: 350°C or below,
Heat time: 3 seconds or less (Per each side of the device),
Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
P350
Notes 1. Pb-free (This product does not contain Pb in the external electrode and other parts.)
2. After opening the dry pack, store it a 25
°C or less and 65% RH or less for the allowable storage period.
μ PC494GS-A
Note: 16-pin plastic SOP (7.62 mm (300))
Process
Conditions
Symbol
Infrared Ray Reflow
Maximum temperature (package’s surface temperature): 260
°C or below,
Time at maximum temperature: 10 seconds or less,
Time at temperature higher than 220
°C: 60 seconds or less,
Preheating time at 160 to 180
°C: 60 to 120 seconds, Times: 3 times,
Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
IR60-00-3
Wave Soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Preheating temperature: 120
°C MAX. (Package surface temperature).
WS60-00-1
Partial Heating Method
Pin temperature: 350°C or below,
Heat time: 3 seconds or less (Per each side of the device),
Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
P350
Note Pb-free (This product does not contain Pb in the external electrode and other parts.)
Caution Apply only one kind of soldering condition to a device, except for "partial heating method", or the
device will be damaged by heat stress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com