Electronic Components Datasheet Search
  English  ▼

X  

UPC494C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC494C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC494C Datasheet HTML 2Page - Renesas Technology Corp UPC494C Datasheet HTML 3Page - Renesas Technology Corp UPC494C Datasheet HTML 4Page - Renesas Technology Corp UPC494C Datasheet HTML 5Page - Renesas Technology Corp UPC494C Datasheet HTML 6Page - Renesas Technology Corp UPC494C Datasheet HTML 7Page - Renesas Technology Corp UPC494C Datasheet HTML 8Page - Renesas Technology Corp UPC494C Datasheet HTML 9Page - Renesas Technology Corp UPC494C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Data Sheet G12649EJ5V0DS00
4
μPC494
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise noted)
Characteristics
Symbol
μ PC494C
μ PC494GS
μ PC494GT-A
μ PC494GS-A
Unit
Supply Voltage
VCC
−0.3 to +41
V
Error Amplifier Input Voltage
VICM
−0.3 to VCC +0.3
V
Dead-time Comparator Input
Voltage
VDTC
−0.3 to +5.25
V
Output Voltage
VCER
−0.3 to +41
V
Output Current
IC
250
mA
Total Power Dissipation
PT
1000
650
Note
780
Note
650
Note
mW
Operating Ambient Temperature TA
−20 to +85
°C
Storage Temperature
Tstg
−65 to +150
°C
Note With 5 cm x 5 cm x 1.6 mmt glass-epoxy substrate.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
7
40
V
Output Voltage
VCER
−0.3
+40
V
Output Current (per output stage)
IC
200
mA
Error Amplifier Sink Current
IOAMP
−0.3
mA
Timing Capacitor
CT
0.47
10000
nF
Timing Resistance
RT
1.8
500
k
Ω
Oscillation Frequency
fOSC
1
300
kHz
Operating Ambient Temperature
TA
−20
+70
°C
Caution The recommended operating range may be exceeded without causing any problems provided that
the absolute maximum ratings are not exceeded. However, if the device is operated in a way that
exceeds the recommended operating conditions, the margin between the actual conditions of use
and the absolute maximum ratings is small, and therefore thorough evaluation is necessary. The
recommended operating conditions do not imply that the device can be used with all values at their
maximum values.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com