Electronic Components Datasheet Search
  English  ▼

X  

UPC2250 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC2250
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2250 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC2250 Datasheet HTML 1Page - Renesas Technology Corp UPC2250 Datasheet HTML 2Page - Renesas Technology Corp UPC2250 Datasheet HTML 3Page - Renesas Technology Corp UPC2250 Datasheet HTML 4Page - Renesas Technology Corp UPC2250 Datasheet HTML 5Page - Renesas Technology Corp UPC2250 Datasheet HTML 6Page - Renesas Technology Corp UPC2250 Datasheet HTML 7Page - Renesas Technology Corp UPC2250 Datasheet HTML 8Page - Renesas Technology Corp UPC2250 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet G14451EJ2V0DS00
2
µµµµPC2250 SERIES
ABSOLUTE MAXIMUM RATINGS (Unless otherwise specified, TA = 25°C)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
–0.3 to +12
V
Total Power Dissipation
PT
1.2
Note
W
Operating Ambient Temperature
TA
–20 to +85
°C
Operating Junction Temperature
TJ
–20 to +150
°C
Storage Temperature
Tstg
–55 to +150
°C
Thermal Resistance (Junction to Case)
Rth (J–C)
10
°C/W
Thermal Resistance (Junction to Ambient)
Rth (J–A)
104
°C/W
Note The total loss is limited by an internal circuit. Where TJ > 150°C, an internal protection circuit cuts off the
output.
Caution If any of the parameters exceeds the absolute maximum ratings, even momentarily, the quality of
the product may be impaired. The absolute maximum ratings are values that may physically
damage the product(s). Be sure to use the product(s) within the ratings.
STANDARD CONNECTION
INPUT
INPUT
Output
Backup capacitor
(for backup)
Reset output
0.33
F
CIN
D1
CO
D2
CDLY
GND
RESET
OUTPUT
++
14
32
µ
CIN
: Determine the capacitance depending on the line between the power supply smoothing circuit and input pin.
Be sure to connect this capacitor to prevent abnormal oscillation.
Use of a capacitor, such as a film
capacitor, with excellent voltage and temperature characteristics is recommended.
Note that some
laminated ceramic capacitors have poor temperature and voltage characteristics. When using a laminated
ceramic capacitor, the capacitance must be stable in the voltage and temperature ranges used.
CO
: Must be 10
µF or more. Be sure to connect this capacitor to prevent oscillation and to improve transient
load stability.
Connect CIN and CO as close to the IC (within 1 to 2 cm) as possible.
D1, D2 : Connect Schottky barrier diodes (with a low forward voltage) if the voltage on the OUTPUT and RESET pins
is lower than that on the GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com