Electronic Components Datasheet Search
  English  ▼

X  

UPC2250 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC2250
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2250 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC2250 Datasheet HTML 3Page - Renesas Technology Corp UPC2250 Datasheet HTML 4Page - Renesas Technology Corp UPC2250 Datasheet HTML 5Page - Renesas Technology Corp UPC2250 Datasheet HTML 6Page - Renesas Technology Corp UPC2250 Datasheet HTML 7Page - Renesas Technology Corp UPC2250 Datasheet HTML 8Page - Renesas Technology Corp UPC2250 Datasheet HTML 9Page - Renesas Technology Corp UPC2250 Datasheet HTML 10Page - Renesas Technology Corp UPC2250 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet G14451EJ2V0DS00
5
µµµµPC2250 SERIES
µPC2255
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input Voltage
VIN
5.5
6
12
V
Output Current
IO
040
mA
Operating Junction Temperature
TJ
–20
+125
°C
Caution The recommended operating range may be exceeded without causing any problems provided
that the absolute maximum ratings are not exceeded. However, if the device is operated in a way
that exceeds the recommended operating conditions, the margin between the actual conditions
of use and the absolute maximum ratings is small, and therefore thorough evaluation is
necessary. The recommended operating conditions do not imply that the device can be used
with all values at their maximum values.
ELECTRICAL SPECIFICATIONS
(Unless otherwise specified, VIN = 6 V, IO = 40 mA, TJ = 25°C, CIN = 0.33
µF, CO = 10 µF.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VO1
4.8
5.0
5.2
V
Output Voltage
VO2
5.5 V
≤ VIN ≤ 12 V, 1 mA ≤ lo ≤ 40 mA,
0
°C ≤ TJ ≤ 125°C
4.75
5.25
V
Line Regulation
REGIN
5.5 V
≤ VIN ≤ 12 V
30
mV
1 mA
≤ lO ≤ 100 mA
80
mV
Load Regulation
REGL
1 mA
≤ lO ≤ 40 mA
30
mV
IO = 0 A
2.0
mA
Quiescent Current
IBIAS
IO = 100 mA
8.0
mA
Quiescent Current Change
∆IBIAS
6 V
≤ VIN ≤ 12 V
1.0
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
130
µVr.m.s.
Ripple Rejection
R
•R
f = 120 Hz, 6 V
≤ VIN ≤ 11 V
46
dB
Dropout Voltage
VDIF
IO = 40 mA, 0
°C ≤ TJ ≤ 125°C
0.15
0.30
V
Short Circuit Current
IOshort
VIN = 12 V
15
mA
Peak Output Current
IOpeak
VIN = 6 V
150
mA
Temperature Coefficient of Output Voltage
∆VO/∆T
IO = 5 mA, 0
°C ≤ TJ ≤ 125°C
0.3
mV/
°C
OFF Output Leakage Current
IOLK
VIN = 0 V, VO = 5.0 V
10
µA
Reset Start Output Voltage
VORT
0
°C ≤ TJ ≤ 125°C
VO1
−0.3
VO1
−0.2
V
Reset Output Saturated Voltage
VRT(sat)
IR = 1.6 mA
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com